Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 125Page - National Semiconductor (TI) SC1100 Datasheet HTML 126Page - National Semiconductor (TI) SC1100 Datasheet HTML 127Page - National Semiconductor (TI) SC1100 Datasheet HTML 128Page - National Semiconductor (TI) SC1100 Datasheet HTML 129Page - National Semiconductor (TI) SC1100 Datasheet HTML 130Page - National Semiconductor (TI) SC1100 Datasheet HTML 131Page - National Semiconductor (TI) SC1100 Datasheet HTML 132Page - National Semiconductor (TI) SC1100 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 348 page
background image
Revision 1.1
129
www.national.com
Core Logic Module (Continued)
DMA Page Registers and Extended Addressing
The DMA Page registers provide the upper address bits
during DMA cycles. DMA addresses do not increment or
decrement across page boundaries. Page boundaries for
the 8-bit channels (Channels 0 through 3) are every 64 KB
and page boundaries for the 16-bit channels (Channels 5,
6, and 7) are every 128 KB.
Before any DMA operations are performed, the Page regis-
ters must be written at the I/O Port addresses in the DMA
controller registers to select the correct page for each DMA
channel. The other address locations between 080h and
08Fh and 480h and 48Fh are not used by the DMA chan-
nels, but can be read or written by a PCI bus master. These
registers are reset to zero at POR. A write to the Low Page
register clears the High Page register, for backward com-
patibility with the PC/AT standard.
For most DMA transfers, the High Page register is set to
zeros and is driven onto PCI address bits AD[31:24] during
DMA cycles. This mode is backward compatible with the
PC/AT standard. For DMA extended transfers, the High
Page register is programmed and the values are driven
onto the PCI addresses AD[31:24] during DMA cycles to
allow access to the full 4 GB PCI address space.
DMA Address Generation
The DMA addresses are formed such that there is an
upper address, a middle address, and a lower address por-
tion.
The upper address portion, which selects a specific page,
is generated by the Page registers. The Page registers for
each channel must be set up by the system before a DMA
operation. The DMA Page register values are driven on
PCI address bits AD[31:16] for 8-bit channels and
AD[31:17] for 16-bit channels.
The middle address portion, which selects a block within
the page, is generated by the DMA controller at the begin-
ning of a DMA operation and any time the DMA address
increments or decrements through a block boundary. Block
sizes are 256 bytes for 8-bit channels (Channels 0 through
3) and 512 bytes for 16-bit channels (Channels 5, 6, and
7). The middle address bits are driven on PCI address bits
AD[15:8] for 8-bit channels and AD[16:9] for 16-bit chan-
nels.
The lower address portion is generated directly by the DMA
controller during DMA operations. The lower address bits
are output on PCI address bits AD[7:0] for 8-bit channels
and AD[8:1] for 16-bit channels.
BHE# is configured as an output during all DMA opera-
tions. It is driven as the inversion of AD0 during 8-bit DMA
cycles and forced low for all 16-bit DMA cycles.
5.2.6.2
Programmable Interval Timer
The Core Logic module contains an 8254-equivalent Pro-
grammable Interval Timer (PIT) configured as shown in
Figure 5-7. The PIT has three timers/counters, each with
an input frequency of 1.19318 MHz (OSC divided by 12),
and individually programmable to different modes.
The gates of Counter 0 and 1 are usually enabled, how-
ever, they can be controlled via F0 Index 50h. The gate of
Counter 2 is connected to I/O Port 061h[0]. The output of
Counter 0 is connected internally to IRQ0. This timer is typ-
ically configured in Mode 3 (square wave output), and used
to generate IRQ0 at a periodic rate to be used as a system
timer function. The output of Counter 1 is connected to I/O
Port 061h[4]. The reset state of I/O Port 061h[4] is 0 and
every falling edge of Counter 1 output causes I/O Port
061h[4] to flip states. The output of Counter 2 is brought
out to the PC_BEEP output. This output is gated with I/O
Port 061h[1].
Figure 5-7. PIT Timer
PIT Shadow Register
The PIT registers are shadowed to allow for 0V Suspend to
save/restore the PIT state by reading the PIT’s counter and
write only registers. The read sequence for the shadow
register is listed in F0 Index BAh (see Table 5-29 on page
166).
CLK0
CLK1
CLK2
GATE0
GATE1
GATE2
XD[7:0]
A[1:0]
IOW#
IOR#
I/O Port 061h[1]
I/O Port 061h[0]
IRQ0
I/O Port
PC_BEEP
1.19318 MHz
WR#
RD#
OUT0
OUT1
OUT2
F0 Index 50h[4]
F0 Index 50h[6]
F0 Index 50h[3]
F0 Index 50h[5]
061h[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com