Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 122Page - National Semiconductor (TI) SC1100 Datasheet HTML 123Page - National Semiconductor (TI) SC1100 Datasheet HTML 124Page - National Semiconductor (TI) SC1100 Datasheet HTML 125Page - National Semiconductor (TI) SC1100 Datasheet HTML 126Page - National Semiconductor (TI) SC1100 Datasheet HTML 127Page - National Semiconductor (TI) SC1100 Datasheet HTML 128Page - National Semiconductor (TI) SC1100 Datasheet HTML 129Page - National Semiconductor (TI) SC1100 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 348 page
background image
www.national.com
126
Revision 1.1
Core Logic Module (Continued)
5.2.5.6
ROM Interface
The Core Logic module positively decodes memory
addresses
000F0000h-000FFFFFh
(64
KB)
and
FFFC0000h-FFFFFFFFh (256 KB) at reset. These memory
cycles cause the Core Logic module to claim the cycle, and
generate an ISA bus memory cycle with ROMCS#
asserted. The Core Logic module can also be configured to
respond to memory addresses FF000000h-FFFFFFFFh
(16 MB) and 000E0000h-000FFFFFh (128 KB).
8- or 16-bit wide ROM is supported. BOOT16 strap deter-
mines the width after reset. MCR[14,3] (Offset 34h) in the
General Configuration Block (see Table 3-2 on page 50 for
bit details) allows program control of the width.
Flash ROM is supported in the Core Logic module by
enabling the ROMCS# signal on write accesses to the
ROM region. Normally only read cycles are passed to the
ISA bus, and the ROMCS# signal is suppressed for write
cycles. When the ROM Write Enable bit (F0 Index 52h[1])
is set, a write access to the ROM address region causes a
write cycle to occur with MEMW#, WR# and ROMCS#
asserted.
5.2.5.7
PCI and Sub-ISA Signal Cycle Multiplexing
The SC1100 multiplexes most PCI and Sub-ISA signals on
the balls listed in Table 5-3, in order to reduce the number
of balls on the device. Cycle multiplexing is on a bus-cycle
by bus-cycle basis (see Figure 5-6 on page 127), where the
internal Core Logic PCI bridge arbitrates between PCI
cycles and Sub-ISA cycles. Other PCI and Sub-ISA signals
remain non-shared, however, some Sub-ISA signals may
be muxed with GPIO.
Sub-ISA cycles are only generated as a result of GX1 mod-
ule accesses to the following addresses or conditions:
• ROMCS# address range.
• DOCCS# address range.
• F5BAR4CS address range.
• F5BAR5CS address range.
• IOCS0# address range.
• IOCS1# address range.
• An I/O write to address 80h or to 84h.
If the Sub-ISA and PCI bus have more than four compo-
nents, the Sub-ISA components can be buffered using
74HCT245 or 74FCT245 type transceivers. The RD# (an
AND of IOR#, MEMR#) signal can be used as DIR control
while TRDE# is used as enable control.
Table 5-3. Cycle Multiplexed PCI / Sub-ISA Balls
PCI
Sub-ISA
Ball No.
AD0
A0
E25
AD1
A1
F26
AD2
A2
F25
AD3
A3
G26
AD4
A4
G25
AD5
A5
H26
AD6
A6
H25
AD7
A7
D24
AD8
A8
E23
AD9
A9
J26
AD10
A10
J25
AD11
A11
K25
AD12
A12
K26
AD13
A13
F23
AD14
A14
F24
AD15
A15
L26
AD16
A16
R25
AD17
A17
K24
AD18
A18
T26
AD19
A19
T25
AD20
A20
L24
AD21
A21
U26
AD22
A22
U25
AD23
A23
M24
AD24
D0
V25
AD25
D1
W26
AD26
D2
N24
AD27
D3
P24
AD28
D4
W25
AD29
D5
Y26
AD30
D6
R24
AD31
D7
Y25
C/BE0#
D8
E24
C/BE1#
D9
G24
C/BE2#
D10
R26
C/BE3#
D11
V26
PAR
D12
H24
TRDY#
D13
N25
IRDY#
D14
P26
STOP#
D15
M25
DEVSEL#
BHE#
N26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com