Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 123Page - National Semiconductor (TI) SC1100 Datasheet HTML 124Page - National Semiconductor (TI) SC1100 Datasheet HTML 125Page - National Semiconductor (TI) SC1100 Datasheet HTML 126Page - National Semiconductor (TI) SC1100 Datasheet HTML 127Page - National Semiconductor (TI) SC1100 Datasheet HTML 128Page - National Semiconductor (TI) SC1100 Datasheet HTML 129Page - National Semiconductor (TI) SC1100 Datasheet HTML 130Page - National Semiconductor (TI) SC1100 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 348 page
background image
Revision 1.1
127
www.national.com
Core Logic Module (Continued)
Figure 5-6. PCI Change to Sub-ISA and Back
5.2.6
AT Compatibility Logic
The Core Logic module integrates:
• Two 8237-equivalent DMA controllers with full 32-bit
addressing
• Two 8259A-equivalent interrupt controllers providing 13
individually programmable external interrupts
• An 8254-equivalent timer for refresh, timer, and speaker
logic
• NMI control and generation for PCI system errors and all
parity errors
• Support for standard AT keyboard controllers
• Positive decode for the AT I/O register space
• Reset control
5.2.6.1
DMA Controller
The Core Logic module supports industry standard DMA
architecture using two 8237-compatible DMA controllers in
cascaded configuration. The DMA functions supported by
the Core Logic module include:
• Standard seven-channel DMA support
• 32-bit address range support via high page registers
• IOCHRDY extended cycles for compatible timing trans-
fers
• Internal Sub-ISA bus master device support using
cascade mode
• NMI control and generation for PCI system errors and all
parity errors.
Note:
DMA interface signals are not available externally.
DMA Controllers
The Core Logic module supports seven DMA channels
using two standard 8237-equivalent controllers. DMA Con-
troller 1 contains Channels 0 through 3 and supports 8-bit
I/O adapters. These channels are used to transfer data
between 8-bit peripherals and PCI memory or 8/16-bit ISA
memory. Using the high and low page address registers, a
full 32-bit PCI address is output for each channel so they
can all transfer data throughout the entire 4 GB system
address space. Each channel can transfer data in 64 KB
pages.
DMA Controller 2 contains Channels 4 through 7. Channel
4 is used to cascade DMA Controller 1, so it is not available
externally. Channels 5 through 7 support 16-bit I/O adapt-
ers to transfer data between 16-bit I/O adapters and 16-bit
system memory. Using the high and low page address reg-
isters, a full 32-bit PCI address is output for each channel
so they can all transfer data throughout the entire 4 GB
system address space. Each channel can transfer data in
128 KB pages. Channels 5, 6, and 7 transfer 16-bit
WORDs on even byte boundaries only.
DMA Transfer Modes
Each DMA channel can be programmed for single, block,
demand or cascade transfer modes. In the most commonly
used mode, single transfer mode, one DMA cycle occurs
per DRQ and the PCI bus is released after every cycle.
This allows the Core Logic module to timeshare the PCI
bus with the GX1 module. This is imperative, especially in
cases involving large data transfers, because the GX1
module gets locked out for too long.
FRAME#
TRDY#, IRDY#
GNT[x]
ROMCS#, DOCCS#,
PCI
Sub-ISA
TCS
TCP
PAR, DEVSEL#, STOP#
PCI
AD[31:0], C/BE[3:0]#
pull-up
F5BAR4CS#,
F5BAR5CS#,
IOCS0#, IOCS1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com