Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 121Page - National Semiconductor (TI) SC1100 Datasheet HTML 122Page - National Semiconductor (TI) SC1100 Datasheet HTML 123Page - National Semiconductor (TI) SC1100 Datasheet HTML 124Page - National Semiconductor (TI) SC1100 Datasheet HTML 125Page - National Semiconductor (TI) SC1100 Datasheet HTML 126Page - National Semiconductor (TI) SC1100 Datasheet HTML 127Page - National Semiconductor (TI) SC1100 Datasheet HTML 128Page - National Semiconductor (TI) SC1100 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 348 page
background image
Revision 1.1
125
www.national.com
Core Logic Module (Continued)
5.2.5.5
ISA DMA
DMA transfers occur between ISA I/O peripherals and sys-
tem memory (i.e., not available externally). The data width
can be either 8 or 16 bits. Out of the seven DMA channels
available, four are used for 8-bit transfers while the remain-
ing three are used for 16-bit transfers. One byte or WORD
is transferred in each DMA cycle.
Note:
The Core Logic module does not support DMA
transfers to ISA memory.
The ISA DMA device initiates a DMA request by asserting
one of the DRQ[7:5, 3:0] signals. When the Core Logic
module receives this request, it sends a bus grant request
to the PCI arbiter. After the PCI bus has been granted, the
respective DACK# is driven active.
The Core Logic module generates PCI memory read or
write cycles in response to a DMA cycle. Figure 5-4 and
Figure 5-5 are examples of DMA memory read and mem-
ory write cycles. Upon detection of the DMA controller’s
MEMR# or MEMW# active, the Core Logic module starts
the PCI cycle, asserts FRAME#, and negates an internal
IOCHRDY. This assures the DMA cycle does not complete
before the PCI cycle has provided or accepted the data.
IOCHRDY is internally asserted when IRDY# and TRDY#
are sampled active.
Figure 5-4. ISA DMA Read from PCI Memory
Figure 5-5. ISA DMA Write to PCI Memory
PCICLK
ISACLK
MEMR#
IOW#
FRAME#
AD[31:0]
IRDY#
TRDY#
SD[15:0]
IOCHRDY
PCICLK
ISACLK
MEMW#
IOR#
FRAME#
AD[31:0]
IRDY#
TRDY#
SD[15:0]
IOCHRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com