Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) GX1 Datasheet HTML 129Page - National Semiconductor (TI) GX1 Datasheet HTML 130Page - National Semiconductor (TI) GX1 Datasheet HTML 131Page - National Semiconductor (TI) GX1 Datasheet HTML 132Page - National Semiconductor (TI) GX1 Datasheet HTML 133Page - National Semiconductor (TI) GX1 Datasheet HTML 134Page - National Semiconductor (TI) GX1 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 247 page
background image
Revision 1.0
131
www.national.com
Integrated Functions (Continued)
GX_BASE+810Ch-810Dh
GP_SRC_COLOR_0 Register (R/W)
Default Value = 0000h
15:0
8-bpp Mode: 8-bpp color: The color index must be duplicated in the upper byte.
16-bpp Mode: 16-bpp color (RGB)
GX_BASE+810Eh-810Fh
GP_SRC_COLOR_1 Register (R/W)
Default Value = 0000h
15:0
8-bpp Mode: 8-bpp color: The color index must be duplicated in the upper byte.
16-bpp Mode: 16-bpp color (RGB)
Note:
The Graphics Pipeline Source Color register specifies the colors used when expanding monochrome source data in either
the 8-bpp mode or the 16-bpp mode. Those pixels corresponding to clear bits (0) in the source data are rendered using
GP_SRC_COLOR_0 and those pixels corresponding to set bits (1) in the source data are rendered using
GP_SRC_COLOR_1.
GX_BASE+8110h-8111h
GP_PAT_COLOR_0 Register (R/W)
Default Value = 0000h
15:0
8-bpp Mode: 8-bpp color: The color index must be duplicated in the upper byte.
16-bpp Mode: 16-bpp color (RGB)
Note:
The Graphics Pipeline Pattern Color 0-3 registers specify the colors used when expanding pattern data.
GX_BASE+8112h-8113h
GP_PAT_COLOR_1 Register (R/W)
Default Value = 0000h
15:0
8-bpp Mode: 8-bpp color: The color index must be duplicated in the upper byte.
16-bpp Mode: 16-bpp color (RGB)
Note:
The Graphics Pipeline Pattern Color 0-3 registers specify the colors used when expanding pattern data.
GX_BASE+8114h-8115h
GP_PAT_COLOR_2 Register (R/W)
Default Value = 0000h
15:0
8-bpp Mode: 8-bpp color: The color index must be duplicated in the upper byte.
16-bpp Mode: 16-bpp color (RGB)
Note: The Graphics Pipeline Pattern Color 0-3 registers specify the colors used when expanding pattern data.
GX_BASE+8116h-8117h
GP_PAT_COLOR_3 Register (R/W)
Default Value = 0000h
15:0
8-bpp Mode: 8-bpp color: The color index must be duplicated in the upper byte.
16-bpp Mode: 16-bpp color (RGB)
Note: The Graphics Pipeline Pattern Color 0-3 registers specify the colors used when expanding pattern data.
GX_BASE+8120h-8123h
GP_PAT_DATA_0 Register (R/W)
Default Value = 00000000h
31:0
GP Pattern Data Register 0: The Graphics Pipeline Pattern Data registers 0 through 3 together contain 128 bits of pat-
tern data. The GP_PAT_DATA_0 register corresponds to bits [31:0] of the pattern data.
GX_BASE+8124h-8127h
GP_PAT_DATA_1 Register (R/W)
Default Value = 00000000h
31:0
GP Pattern Data Register 1: The Graphics Pipeline Pattern Data registers 0 through 3 together contain 128 bits of pat-
tern data. The GP_PAT_DATA_1 register corresponds to bits [63:32] of the pattern data.
GX_BASE+8128h-812Bh
GP_PAT_DATA_2 Register (R/W)
Default Value = 00000000h
31:0
GP Pattern Data Register 2: The Graphics Pipeline Pattern Data registers 0 through 3 together contain 128 bits of pat-
tern data. The GP_PAT_DATA_2 register corresponds to bits [95:64] of the pattern data.
GX_BASE+812Ch-812Fh
GP_PAT_DATA_3 Register (R/W)
Default Value = 00000000h
31:0
GP Pattern Data Register 3: The Graphics Pipeline Pattern Data registers 0 through 3 together contain 128 bits of pat-
tern data. The GP_PAT_DATA_3 register corresponds to bits [127:96] of the pattern data.
GX_BASE+8140h-8143h
GP_VGA_WRITE Register (R/W)
Default Value = xxxxxxxxh
Note that the register at GX_BASE+82140h is located in the area designated for the graphics pipeline but is used for VGA emulation
purposes. Refer to Table 4-39 on page 166 for this register’s bit formats.
Table 4-24. Graphics Pipeline Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com