Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 124Page - National Semiconductor (TI) GX1 Datasheet HTML 125Page - National Semiconductor (TI) GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) GX1 Datasheet HTML 129Page - National Semiconductor (TI) GX1 Datasheet HTML 130Page - National Semiconductor (TI) GX1 Datasheet HTML 131Page - National Semiconductor (TI) GX1 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 247 page
background image
www.national.com
128
Revision 1.0
Integrated Functions (Continued)
4.4.3.3
Color Patterns
Setting the pattern mode to 11b (GX_BASE+8200h[9:8] =
11b), in the GP_RASTER_MODE register selects the color
patterns. Bits [63:0] are used to hold a row of pattern data
for an 8-bpp pattern, with bits [7:0] corresponding to the
leftmost pixel of the row. Likewise, bits [127:0] are used for
a 16-bpp color pattern, with bits [15:0] corresponding to the
leftmost pixel of the row.
To support an 8x8 color pattern, software must load the
pattern data for each row.
4.4.4
Source Expansion
The graphics pipeline contains hardware support for color
expansion of source data (primarily used for text). Those
pixels corresponding to a clear bit (0) in the source data are
renderedusing
thecolor
specifiedinthe
GP_SRC_COLOR_0 register (GX_BASE+810Ch), and
those pixels corresponding to a set bit (1) in the source
data are rendered using the color specified in the
GP_SRC_COLOR_1 register (GX_BASE+810Eh).
If
the
source
transparency
bit
is
set
in
the
GP_RASTER_MODE register, those pixels corresponding
to a clear bit (0) in the source data are not drawn.
4.4.5
Raster Operations
The GP_RASTER_MODE register specifies how the pat-
tern data, source data (color-expanded if necessary), and
destination data are combined to produce the output to the
frame buffer. The definition of the ROP value matches that
of the Microsoft API (application programming interface).
This allows Windows display drivers to load the raster oper-
ation directly into hardware. Table 4-21 illustrates this defi-
nition. Some common raster operations are described in
Table 4-22.
Table 4-21. GP_RASTER_MODE Bit Patterns
Pattern
(bit)
Source
(bit)
Destination
(bit)
Output
(bit)
00
0
ROP[0]
00
1
ROP[1]
01
0
ROP[2]
01
1
ROP[3]
10
0
ROP[4]
10
1
ROP[5]
11
0
ROP[6]
11
1
ROP[7]
Table 4-22. Common Raster Operations
ROP
Description
F0h
Output = Pattern
CCh
Output = Source
5Ah
Output = Pattern XOR destination
66h
Output = Source XOR destination
55h
Output = ~Destination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com