Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 122Page - National Semiconductor (TI) GX1 Datasheet HTML 123Page - National Semiconductor (TI) GX1 Datasheet HTML 124Page - National Semiconductor (TI) GX1 Datasheet HTML 125Page - National Semiconductor (TI) GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) GX1 Datasheet HTML 129Page - National Semiconductor (TI) GX1 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 247 page
background image
www.national.com
126
Revision 1.0
Integrated Functions (Continued)
4.4.2
Master/Slave Registers
When starting a BitBLT or vector operation, the graphics
pipeline registers are latched from the master registers to
the slave registers. A second BitBLT or vector operation
can then be loaded into the master registers while the first
operation is rendered. If a second BLT is pending in the
master registers, any write operations to the graphics pipe-
line registers will corrupt the values of the pending BLT.
Software must prevent this from happening by checking the
“BLT Pending” bit in the GP_BLT_STATUS register
(GX_BASE+820Ch[2]).
Most of the graphics pipeline registers are latched directly
from the master registers to the slave registers when start-
ing a new BitBLT or vector operation. Some registers, how-
ever, use the updated slave values if the master registers
have not been written, which allows software to render suc-
cessive primitives without loading some of the registers as
outlined in Table 4-20.
4.4.3
Pattern Generation
The graphics pipeline contains hardware support for 8x8
monochrome patterns (expanded to two colors), 8x8 dither
patterns (expanded to four colors), and 8x1 color patterns.
The pattern hardware, however, does not maintain a pat-
tern origin, so the pattern data must be justified before it is
loaded into the GX1 processor’s registers. For solid primi-
tives, the pattern hardware is disabled and the pattern color
is always sourced from the GP_PAT_COLOR_0 register
(GX_BASE+8110h).
Table 4-20. Graphics Pipeline Registers
Master
Function
GP_DST_XCOOR
Next X position along vector.
Master register if written, otherwise:
Unchanged slave if BLT, source mode = bitmap.
Slave+width if BLT, sourcemode= text glyph
GP_DST_YCOOR
Next Y position along vector.
Master register if written, otherwise:
Slave +/- height if BLT, source mode = bitmap.
Unchanged slave if BLT, source mode = text glyph.
GP_INIT_ERROR
Master register if written, otherwise:
Initial error for the next pixel along the vector.
GP_SRC_YCOOR
Master register if written, otherwise:
Slave +/- height if BLT, source mode = bitmap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com