Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 121Page - National Semiconductor (TI) GX1 Datasheet HTML 122Page - National Semiconductor (TI) GX1 Datasheet HTML 123Page - National Semiconductor (TI) GX1 Datasheet HTML 124Page - National Semiconductor (TI) GX1 Datasheet HTML 125Page - National Semiconductor (TI) GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) GX1 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 247 page
background image
Revision 1.0
125
www.national.com
Integrated Functions (Continued)
4.4
GRAPHICS PIPELINE
The graphics pipeline of the GX1 processor contains a 2D
graphics accelerator. This hardware accelerator has a Bit-
BLT/vector engine which dramatically improves graphics
performance
when
rendering
and
moving
graphical
objects. Overall operating system performance is improved
as well. The accelerator hardware supports pattern gener-
ation, source expansion, pattern/source transparency, and
256 ternary raster operations. The block diagram of the
graphics pipeline is shown in Figure 4-11.
4.4.1
BitBLT/Vector Engine
BLTs are initiated by writing to the GP_BLT_MODE regis-
ter, whichspecifies thetypeofsourcedata(none, frame
buffer, or BLT buffer), the type of the destination data
(none, frame buffer, or BLT buffer), and a source expansion
flag.
Vectors are initiated by writing to the GP_VECTOR_MODE
register (GX_BASE+8204h), which specifies the direction
of the vector and a “read destination data” flag.Ifthe flag is
set, the hardware will read destination data along the vec-
tor and store it temporarily in the BLT Buffer 0.
The BLT buffers use a portion of the L1 cache, called
“scratchpad RAM”, to temporarily store source and destina-
tion data, typically on a scan line basis. See Section 4.1.4.2
“Scratchpad RAM Utilization” on page 100 for an explana-
tion of scratchpad RAM. The hardware automatically loads
frame-buffer data (source or destination) into the BLT buff-
ers for each scan line. The driver is responsible for making
sure that this does not overflow the memory allocated for
the BLT buffers. When the source data is a bitmap, the
hardware loads the data directly into the BLT buffer at the
beginning of the BLT operation.
Figure 4-11. Graphics Pipeline Block Diagram
Pattern
Hardware
Raster Operation
Output Aligner
BE
PAT
SRC
DST
BE
Internal Bus
Interface Unit
Graphics
Scratchpad RAM
BitBLT Buffers
and
Memory
X-Bus
C-Bus
Pipeline
BE = Byte Enable
PAT = Pattern Data
SRC = Source Data
DST = Destination Data
Output Aligner
Source
Expansion
Control Logic
DRAM Interface
Register Access
Controller
Key:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com