Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 119Page - National Semiconductor (TI) GX1 Datasheet HTML 120Page - National Semiconductor (TI) GX1 Datasheet HTML 121Page - National Semiconductor (TI) GX1 Datasheet HTML 122Page - National Semiconductor (TI) GX1 Datasheet HTML 123Page - National Semiconductor (TI) GX1 Datasheet HTML 124Page - National Semiconductor (TI) GX1 Datasheet HTML 125Page - National Semiconductor (TI) GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 247 page
background image
Revision 1.0
123
www.national.com
Integrated Functions (Continued)
4.3.7
SDRAM Interface Clocking
The GX1 processor drives the SDCLK to the SDRAMs; one
for each DIMM bank. All the control, data, and address sig-
nals driven by the memory controller are sampled by the
SDRAM at the rising edge of SDCLK. SDCLKOUT is a ref-
erence signal used to generate SDCLKIN. Read data is
sampled by the memory controller at the rising edge of
SDCLKIN.
The delay for SDCLKIN from SDCLKOUT must be
designed so that it lags the SDCLKs at the DRAM by
approximately 1 ns (check application notes for additional
information). The delay should also include the SDCLK
transmission line delay. All four SDCLK traces on the board
should be the same length, so there is no skew between
them. These guidelines allow the memory interface to
operate at a higher performance.
Figure 4-9. SDCLKIN Clocking
DIMM
0
DIMM
1
SDCLK[3:0]
Delay
SDCLKOUT
SDCLKIN
Geode™ GX1
SDCLK0
SDCLK1
SDCLK2
SDCLK3
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com