Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 120Page - National Semiconductor (TI) GX1 Datasheet HTML 121Page - National Semiconductor (TI) GX1 Datasheet HTML 122Page - National Semiconductor (TI) GX1 Datasheet HTML 123Page - National Semiconductor (TI) GX1 Datasheet HTML 124Page - National Semiconductor (TI) GX1 Datasheet HTML 125Page - National Semiconductor (TI) GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 247 page
background image
www.national.com
124
Revision 1.0
Integrated Functions (Continued)
The SDRAM interface timings are programmable. The
SHFTSDCLK bits in the MC_MEM_CNTRL2 register can
be used to change the relationship between SDCLK and
the control/address/data signals to meet setup and hold
time requirements for SDRAM across different board lay-
outs. SHFTSDCLK bit values are selected based upon the
SDRAM signals loads and the core frequency (refer to Fig-
ures 6-9 and 6-10 on page 202).
Figure 4-10 shows an example of how the SHFTSDCLK
bits setting affects SDCLK. The PCI clock is the input clock
to the GX1 processor. The core clock is the internal proces-
sor clock that is multiplied up. The memory controller runs
off this core clock. The memory clock is generated by divid-
ing down the core clock. SDCLK is generated from the
memory clock. In the example diagram, the processor
clock is running 6X times the PCI clock and the memory
clock is running in divide by 3 mode.
The SDRAM control, address, and data signals are driven
off edge "x1" of the memory clock to be setup before edge
"y1". With no shift applied, the control signals could end up
being latched on edge "x2" of the SDCLK. A shift value of
two or three could be used so that SDCLK at the SDRAM is
centered around when the control signals change.
Figure 4-10. Effects of SHFTSDCLK Programming Bits Example
0
123
4
5
6
PCI Clock
Core Clock
Memory
Clock
(Internal)
(Internal)
CNTRL
SDCLK
SDCLK
(Note)
(Note)
Note:
The first SDCLK shows how SDCLK operates with the SHFTSDCLK bits = 000, no shift.
The second SDCLK shows how SDCLK operates with the SHFTSDCLK bits = 001, shift 0.5 core clock.
(See MC_MEMCNTRL2 bits [5:3], Table 4-15 on page 114, for remaining decode values.)
1
0
2
3
4
Shift =
Valid
x2
y2
x1
y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com