Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 123Page - National Semiconductor (TI) GX1 Datasheet HTML 124Page - National Semiconductor (TI) GX1 Datasheet HTML 125Page - National Semiconductor (TI) GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) GX1 Datasheet HTML 129Page - National Semiconductor (TI) GX1 Datasheet HTML 130Page - National Semiconductor (TI) GX1 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 247 page
background image
Revision 1.0
127
www.national.com
Integrated Functions (Continued)
4.4.3.1 Monochrome Patterns
Setting the pattern mode to 01b (GX_BASE+8200h[9:8] =
01b) in the GP_RASTER_MODE register selects the
monochrome patterns (see bit details on page 132). Those
pixels corresponding to a clear bit (0) in the pattern are ren-
dered using the color specified in the GP_PAT_COLOR_0
(GX_BASE+8110h) register, and those pixels correspond-
ing to a set bit (1) in the pattern are rendered using the
color
specified
in
the
GP_PAT_COLOR_1
register
(GX_BASE+8112h).
If the pattern transparency bit is set high in the
GP_RASTER_MODE register, those pixels corresponding
to a clear bit in the pattern data are not drawn.
Monochrome patterns use registers GP_PAT_DATA_0
(GX_BASE+ Memory Offset 8120h) and GP_PAT_DATA_1
(GX_BASE+ Memory Offset 8124h) for the pattern data.
Bits [7:0] of GP_PAT_DATA_0 correspond to the first row of
the pattern, and bit 7 corresponds to the leftmost pixel on
the screen. How the pattern and the registers fully relate is
illustrated in Figure 4-12.
Figure 4-12. Example of Monochrome Patterns
4.4.3.2
Dither Patterns
Setting the pattern mode to 10b (GX_BASE+8200h[9:8] =
10b) in the GP_RASTER_MODE register selects the dither
patterns. Two bits of pattern data are used for each pixel,
allowing color expansion to four colors. The colors are
specified
in
the
GP_PAT_COLOR_0
through
GP_PAT_COLOR_3 registers (Table 4-24 on page 130).
Dither patterns use all 128 bits of pattern data. Bits [15:0]
of GP_PAT_DATA_0 correspond to the first row of the pat-
tern (the lower byte contains the least significant bit of each
pixel’s pattern color and the upper byte contains the most
significant bit of each pixel’spattern color). Thisisillus-
trated in Figure 4-13.
Figure 4-13. Example of Dither Patterns
GP_PAT_DATA_0 (GPD0) = 0x80412214
GP_PAT_DATA_1 (GPD1) = 0x08142241
14
22
41
80
41
22
14
08
GPD0[7:0]
GPD0[15:8]
GPD0[23:16]
GPD0[31:24]
GPD1[7:0]
GPD1[15:8]
GPD1[23:16]
GPD1[31:24]
00AA
4411
00AA
1155
00AA
4411
00AA
1155
GP_PAT_DATA_0 (GPD0) = 0x441100AA
GP_PAT_DATA_1 (GPD1) = 0x115500AA
GP_PAT_DATA_2 (GPD2) = 0x441100AA
GP_PAT_DATA_3 (GPD3) = 0x115500AA
GPD0[15:0]
GPD0[31:16]
GPD1[15:0]
GPD1[31:16]
GPD2[15:0]
GPD2[31:16]
GPD3[15:0]
GPD3[31:16]
01 00
11
10
01 00 01 00
01 00
00
00
01
10
00
00
01
01
01
01
01
01
01
01
01
01
01
01
01
01
01
01
01
01
01
00
00
00
00
00
00
00
00
11
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
11
11
00
00
0
0
00
1
10
1
0
0
1
0
00
AA
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com