Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 126Page - National Semiconductor (TI) GX1 Datasheet HTML 127Page - National Semiconductor (TI) GX1 Datasheet HTML 128Page - National Semiconductor (TI) GX1 Datasheet HTML 129Page - National Semiconductor (TI) GX1 Datasheet HTML 130Page - National Semiconductor (TI) GX1 Datasheet HTML 131Page - National Semiconductor (TI) GX1 Datasheet HTML 132Page - National Semiconductor (TI) GX1 Datasheet HTML 133Page - National Semiconductor (TI) GX1 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 247 page
background image
www.national.com
130
Revision 1.0
Integrated Functions (Continued)
820Ch-820Fh
R/W
GP_BLT_STATUS
Graphics Pipeline BLT Status Register: Contains configuration and status infor-
mation for the BLT engine. The status bits are contained in the lower byte of the
register.
00000000h
8210h-8213h1
R/W
GP_VGA_BASE
Graphics Pipeline VGA Memory Base Address Register: Specifies the offset of
the VGA memory, starting from the base of graphics memory.
xxxxxxxxh
8214h-8217h1
R/W
GP_VGA_LATCH
Graphics Pipeline VGA Display Latch Register: Provides a memory mapped way
to read or write the VGA display latch.
xxxxxxxxh
1.
The registers at GX_BASE+8140, 8144h, 8210h, and 8214h are located in the area designated for the graphics pipeline but are used
for VGA emulation purposes. Refer to Table 4-39 on page 166 for these register’sbit formats
Table 4-23. Graphics Pipeline Configuration Register Summary (Continued)
GX_BASE+
Memory Offset
Type
Name / Function
Default Value
Table 4-24. Graphics Pipeline Configuration Registers
Bit
Name
Description
GX_BASE+8100h-8103h
GP_DST/START_X/YCOOR Register (R/W)
Default Value = 00000000h
31:16
DESTINATION/STARTING Y POSITION (SIGNED):
BLT Mode: Specifies the destination Y position for a BLT operation.
Vector Mode: Specifies the starting Y position in a vector.
15:0
DESTINATION/STARTING X POSITION (SIGNED):
BLT Mode: Specifies the destination X position for a BLT operation.
Vector Mode: Specifies the starting X position in a vector.
GX_BASE+8104h-8107h
GP_WIDTH/HEIGHT and
Default Value = 00000000h
GP_VECTOR_LENGTH/INIT_ERROR Register (R/W)
31:16
PIXEL_WIDTH or VECTOR_LENGTH (UNSIGNED):
BLT Mode: Specifies the width, in pixels, of a BLT operation. No pixels are rendered for a width of zero.
Vector Mode: Bits [31:30] are reserved in this mode allowing this 14-bit field to specify the length, in pixels, of a vector. No
pixels are rendered for a length of zero. This field is limited to 14 bits due to a lack of precision in the registers used to hold
the error terms.
15:0
PIXEL_HEIGHT or VECTOR_INITIAL_ERROR (UNSIGNED):
BLT Mode: Specifies the height, in pixels, of a BLT operation. No pixels are rendered for a height of zero.
Vector Mode: Specifies the initial error for rendering a vector.
GX_BASE+8108h-810Bh
GP_SCR_X/YCOOR and GP_AXIAL/DIAG_ERROR Register (R/W)
Default Value = 00000000h
31:16
SRC_X_POS or VECTOR_AXIAL_ERROR (SIGNED):
BLT Mode: Specifies the source X position for a BLT operation.
Vector Mode: Specifies the axial error for rendering a vector.
15:0
SRC_Y_POS or VECTOR_DIAG_ERROR (SIGNED):
Source Y Position (Signed): Specifies the source Y position for a BLT operation.
Vector Mode: Specifies the diagonal error for rendering a vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com