Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 238 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 238 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 234Page - National Semiconductor (TI) GX1 Datasheet HTML 235Page - National Semiconductor (TI) GX1 Datasheet HTML 236Page - National Semiconductor (TI) GX1 Datasheet HTML 237Page - National Semiconductor (TI) GX1 Datasheet HTML 238Page - National Semiconductor (TI) GX1 Datasheet HTML 239Page - National Semiconductor (TI) GX1 Datasheet HTML 240Page - National Semiconductor (TI) GX1 Datasheet HTML 241Page - National Semiconductor (TI) GX1 Datasheet HTML 242Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 247 page
background image
www.national.com
238
Revision 1.0
Instruction Set (Continued)
FPU Instruction Summary Issues
All references to TOS and ST(n) refer to stack layout prior
to execution. Values popped off the stack are discarded.
A pop from the stack increments the top of stack pointer.
A push to the stack decrements the top of stack pointer.
Issues:
1.
For FCOS, FSIN, FSINCOS and FPTAN, time shown
is for absolute value of TOS < 3p/4. Add 90 clock
counts for argument reduction if outside this range.
For FCOS, clock count is 141 if TOS <
π/4 and clock
count is 92 if
π/4 < TOS > π/2.
For FSIN, clock count is 81 to 82 if absolute value of
TOS <
π/4.
2.
For F2XM1, clock count is 92 if absolute value of TOS
<0.5.
3.
For FPATAN, clock count is 97 if ST(1)/TOS <
π/32.
4.
For FYL2XP1, clock count is 170 if TOS is out of range
and regular FYL2X is called.
5.
The following opcodes are reserved:
D9D7, D9E2, D9E7, DDFC, DED8, DEDA, DEDC,
DEDD, DEDE, DFFC.
If a reserved opcode is executed, and unpredictable
results may occur (exceptions are not generated).
FSUBRP Floating Point Subtract Reverse, Pop
DE [1110 0 n]
ST(n) <--- TOS - ST(n); then pop TOS
4 - 9
FISUB Floating Point Integer Subtract
32-bit Integer
DA [mod 100 r/m]
TOS <--- TOS - M.SI
14 - 29
16-bit Integer
DE [mod 100 r/m]
TOS <--- TOS - M.WI
14 - 27
FISUBR Floating Point Integer Subtract Reverse
32-bit Integer Reversed
DA [mod 101 r/m]
TOS <--- M.SI - TOS
14 - 29
16-bit Integer Reversed
DE [mod 101 r/m]
TOS <--- M.WI - TOS
14 - 27
FTST Test Top of Stack
D9 E4
CC set by TOS - 0.0
4
FUCOM Unordered Compare
DD [1110 0 n]
CC set by TOS - ST(n)
4
FUCOMP Unordered Compare, Pop
DD [1110 1 n]
CC set by TOS - ST(n); then pop TOS
4
FUCOMPP Unordered Compare, Pop two
elements
DA E9
CC set by TOS - ST(I); then pop TOS and ST(1)
4
FWAIT Wait
9B
Wait for FPU not busy
2
FXAM Report Class of Operand
D9 E5
CC <--- Class of TOS
4
FXCH Exchange Register with TOS
D9 [1100 1 n]
TOS <--> ST(n) Exchange
3
FXTRACT Extract Exponent
D9 F4
temp <--- TOS;
TOS <--- exponent (temp); then
push significant (temp) onto stack
11 - 16
FLY2X Function Eval. y
× Log2(x)
D9 F1
ST(1) <--- ST(1)
× Log
2(TOS); then pop TOS
145 - 154
FLY2XP1 Function Eval. y
× Log2(x+1)
D9 F9
ST(1) <--- ST(1)
× Log
2(1+TOS); then pop TOS
131 - 133
4
Table 8-29. FPU Instruction Set Summary (Continued)
FPU Instruction
Opcode
Operation
Clock
Count
Issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com