Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 241 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 241 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 237Page - National Semiconductor (TI) GX1 Datasheet HTML 238Page - National Semiconductor (TI) GX1 Datasheet HTML 239Page - National Semiconductor (TI) GX1 Datasheet HTML 240Page - National Semiconductor (TI) GX1 Datasheet HTML 241Page - National Semiconductor (TI) GX1 Datasheet HTML 242Page - National Semiconductor (TI) GX1 Datasheet HTML 243Page - National Semiconductor (TI) GX1 Datasheet HTML 244Page - National Semiconductor (TI) GX1 Datasheet HTML 245Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 247 page
background image
Revision 1.0
241
www.national.com
Instruction Set (Continued)
PCMPEQD Packed Dword Compare for Equality
MMX Register 2 with MMX Register 1
0F76 [11 mm1 mm2]
MMX reg 1 [dword] <--FFFF FFFFh-- if MMX reg 1 [dword] = MMX reg 2 [dword]
MMX reg 1 [dword]<--0000 0000h--if MMX reg 1[dword] NOT = MMX reg 2
[dword]
1/1
Memory with MMX Register
0F76 [mod mm r/m]
MMX reg [dword] <--FFFF FFFFh-- if memory[dword] = MMX reg [dword]
MMX reg [dword] <--0000 0000h-- if memory[dword] NOT = MMX reg [dword]
1/1
PCMPEQW Packed Word Compare for Equality
MMX Register 2 with MMX Register 1
0F75 [11 mm1 mm2]
MMX reg 1 [word] <--FFFFh-- if MMX reg 1 [word] = MMX reg 2 [word]
MMX reg 1 [word]<--0000h-- if MMX reg 1 [word] NOT = MMX reg 2 [word]
1/1
Memory with MMX Register
0F75 [mod mm r/m]
MMX reg [word] <--FFFFh-- if memory[word] = MMX reg [word]
MMX reg [word] <--0000h-- if memory[word] NOT = MMX reg [word]
1/1
PCMPGTB Pack Compare Greater Than Byte
MMX Register 2 to MMX Register 1
0F64 [11 mm1 mm2]
MMX reg 1 [byte] <--FFh-- if MMX reg 1 [byte] > MMX reg 2 [byte]
MMX reg 1 [byte]<--00h-- if MMX reg 1 [byte] NOT > MMX reg 2 [byte]
1/1
Memory with MMX Register
0F64 [mod mm r/m]
MMX reg [byte] <--FFh-- if memory[byte] > MMX reg [byte]
MMX reg [byte] <--00h-- if memory[byte] NOT > MMX reg [byte]
1/1
PCMPGTD Pack Compare Greater Than Dword
MMX Register 2 to MMX Register 1
0F66 [11 mm1 mm2]
MMX reg 1 [dword] <--FFFF FFFFh-- if MMX reg 1 [dword] > MMX reg 2 [dword]
MMX reg 1 [dword]<--0000 0000h--if MMX reg 1 [dword]NOT > MMX reg 2
[dword]
1/1
Memory with MMX Register
0F66 [mod mm r/m]
MMX reg [dword] <--FFFF FFFFh-- if memory[dword] > MMX reg [dword]
MMX reg [dword] <--0000 0000h-- if memory[dword] NOT > MMX reg [dword]
1/1
PCMPGTW Pack Compare Greater Than Word
MMX Register 2 to MMX Register 1
0F65 [11 mm1 mm2]
MMX reg 1 [word] <--FFFFh-- if MMX reg 1 [word] > MMX reg 2 [word]
MMX reg 1 [word]<--0000h-- if MMX reg 1 [word] NOT > MMX reg 2 [word]
1/1
Memory with MMX Register
0F65 [mod mm r/m]
MMX reg [word] <--FFFFh-- if memory[word] > MMX reg [word]
MMX reg [word] <--0000h-- if memory[word] NOT > MMX reg [word]
1/1
PMADDWD Packed Multiply and Add
MMX Register 2 to MMX Register 1
0FF5 [11 mm1 mm2]
MMX reg 1 [dword] <--add-- [dword]<---- MMX reg 1 [sign word]*MMX reg 2[sign
word]
2/1
Memory to MMX Register
0FF5 [mod mm r/m]
MMX reg 1 [dword] <--add-- [dword] <---- memory [sign word] * Memory [sign
word]
2/1
PMULHW Packed Multiply High
MMX Register 2 to MMX Register 1
0FE5 [11 mm1 mm2]
MMX reg 1 [word] <--upper bits-- MMX reg 1 [sign word] * MMX reg 2 [sign word]
2/1
Memory to MMX Register
0FE5 [mod mm r/m]
MMX reg 1 [word] <--upper bits-- memory [sign word] * Memory [sign word]
2/1
PMULLW Packed Multiply Low
MMX Register 2 to MMX Register 1
0FD5 [11 mm1 mm2] MMX reg 1 [word] <--lower bits-- MMX reg 1 [sign word] * MMX reg 2 [sign word]
2/1
Memory to MMX Register
0FD5 [mod mm r/m]
MMX reg 1 [word] <--lower bits-- memory [sign word] * Memory [sign word]
2/1
POR Bitwise OR
MMX Register 2 to MMX Register 1
0FEB [11 mm1 mm2] MMX reg 1 [qword] <--logic OR-- MMX reg 1 [qword], MMX reg 2 [qword]
1/1
Memory to MMX Register
0FEB [mod mm r/m]
MMX reg [qword] <--logic OR-- MMX reg [qword], memory[qword]
1/1
PSLLD Packed Shift Left Logical Dword
MMX Register 1 by MMX Register 2
0FF2 [11 mm1 mm2]
MMX reg 1 [dword] <--shift left, shifting in zeroes by MMX reg 2 [dword]--
1/1
MMX Register by Memory
0FF2 [mod mm r/m]
MMX reg [dword] <--shift left, shifting in zeroes by memory[dword]--
1/1
MMX Register by Immediate
0F72 [11 110 mm] #
MMX reg [dword] <--shift left, shifting in zeroes by [im byte]--
1/1
PSLLQ Packed Shift Left Logical Qword
MMX Register 1 by MMX Register 2
0FF3 [11 mm1 mm2]
MMX reg 1 [qword] <--shift left, shifting in zeroes by MMX reg 2 [qword]--
1/1
MMX Register by Memory
0FF3 [mod mm r/m]
MMX reg [qword] <--shift left, shifting in zeroes by [qword]--
1/1
MMX Register by Immediate
0F73 [11 110 mm] #
MMX reg [qword] <--shift left, shifting in zeroes by [im byte]--
1/1
PSLLW Packed Shift Left Logical Word
MMX Register 1 by MMX Register 2
0FF1 [11 mm1 mm2]
MMX reg 1 [word] <--shift left, shifting in zeroes by MMX reg 2 [word]--
1/1
MMX Register by Memory
0FF1 [mod mm r/m]
MMX reg [word] <--shift left, shifting in zeroes by memory[word]--
1/1
MMX Register by Immediate
0F71 [11 110mm] #
MMX reg [word] <--shift left, shifting in zeroes by [im byte]--
1/1
PSRAD Packed Shift Right Arithmetic Dword
MMX Register 1 by MMX Register 2
0FE2 [11 mm1 mm2]
MMX reg 1 [dword] <--arith shift right, shifting in zeroes by MMX reg 2 [dword--]
1/1
MMX Register by Memory
0FE2 [mod mm r/m]
MMX reg [dword] <--arith shift right, shifting in zeroes by memory[dword]--
1/1
MMX Register by Immediate
0F72 [11 100 mm] #
MMX reg [dword] <--arith shift right, shifting in zeroes by [im byte]--
1/1
Table 8-31. MMX Instruction Set Summary (Continued)
MMX Instructions
Opcode
Operation and Clock Count (Latency/Throughput)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com