Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 240 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 240 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 236Page - National Semiconductor (TI) GX1 Datasheet HTML 237Page - National Semiconductor (TI) GX1 Datasheet HTML 238Page - National Semiconductor (TI) GX1 Datasheet HTML 239Page - National Semiconductor (TI) GX1 Datasheet HTML 240Page - National Semiconductor (TI) GX1 Datasheet HTML 241Page - National Semiconductor (TI) GX1 Datasheet HTML 242Page - National Semiconductor (TI) GX1 Datasheet HTML 243Page - National Semiconductor (TI) GX1 Datasheet HTML 244Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 247 page
background image
www.national.com
240
Revision 1.0
Instruction Set (Continued)
Table 8-31. MMX Instruction Set Summary
MMX Instructions
Opcode
Operation and Clock Count (Latency/Throughput)
EMMS Empty MMX State
0F77
Tag Word <--- FFFFh (empties the floating point tag word)
1/1
MOVD Move Doubleword
Register to MMX Register
0F6E [11 mm reg]
MMX reg [qword] <--move, zero extend-- reg [dword]
1/1
MMX Register to Register
0F7E [11 mm reg]
reg [qword] <--move-- MMX reg [low dword]
5/1
Memory to MMX Register
0F6E [mod mm r/m]
MMX regr[qword] <--move, zero extend-- memory[dword]
1/1
MMX Register to Memory
0F7E [mod mm r/m]
Memory [dword] <--move-- MMX reg [low dword]
1/1
MOVQ Move Quardword
MMX Register 2 to MMX Register 1
0F6F [11 mm1 mm2]
MMX reg 1 [qword] <--move-- MMX reg 2 [qword]
1/1
MMX Register 1 to MMX Register 2
0F7F [11 mm1 mm2]
MMX reg 2 [qword] <--move-- MMX reg 1 [qword]
1/1
Memory to MMX Register
0F6F [mod mm r/m]
MMX reg [qword] <--move-- memory[qword]
1/1
MMX Register to Memory
0F7F [mod mm r/m]
Memory [qword] <--move-- MMX reg [qword]
1/1
PACKSSDW Pack Dword with Signed Saturation
MMX Register 2 to MMX Register 1
0F6B [11 mm1 mm2]
MMX reg 1 [qword] <--packdw, signed sat-- MMX reg 2, MMX reg 1
1/1
Memory to MMX Register
0F6B [mod mm r/m]
MMX reg [qword] <--packdw, signed sat-- memory, MMX reg
1/1
PACKSSWB Pack Word with Signed Saturation
MMX Register 2 to MMX Register 1
0F63 [11 mm1 mm2]
MMX reg 1 [qword] <--packwb, signed sat-- MMX reg 2, MMX reg 1
1/1
Memory to MMX Register
0F63 [mod mm r/m]
MMX reg [qword] <--packwb, signed sat-- memory, MMX reg
1/1
PACKUSWB Pack Word with Unsigned Saturation
MMX Register 2 to MMX Register 1
0F67 [11 mm1 mm2]
MMX reg 1 [qword] <--packwb, unsigned sat-- MMX reg 2, MMX reg 1
1/1
Memory to MMX Register
0F67 [mod mm r/m]
MMX reg [qword] <--packwb, unsigned sat-- memory, MMX reg
1/1
PADDB Packed Add Byte with Wrap-Around
MMX Register 2 to MMX Register 1
0FFC [11 mm1 mm2] MMX reg 1 [byte] <---- MMX reg 1 [byte] + MMX reg 2 [byte]
1/1
Memory to MMX Register
0FFC [mod mm r/m]
MMX reg[byte] <---- memory [byte] + MMX reg [byte]
1/1
PADDD Packed Add Dword with Wrap-Around
MMX Register 2 to MMX Register 1
0FFE [11 mm1 mm2] MMX reg 1 [sign dword] <---- MMX reg 1 [sign dword] + MMX reg 2 [sign dword]
1/1
Memory to MMX Register
0FFE [mod mm r/m]
MMX reg [sign dword] <---- memory [sign dword] + MMX reg [sign dword]
1/1
PADDSB Packed Add Signed Byte with Saturation
MMX Register 2 to MMX Register 1
0FEC [11 mm1 mm2] MMX reg 1 [sign byte] <--sat-- MMX reg 1 [sign byte] + MMX reg 2 [sign byte]
1/1
Memory to Register
0FEC [mod mm r/m]
MMX reg [sign byte] <--sat-- memory [sign byte] + MMX reg [sign byte]
1/1
PADDSW Packed Add Signed Word with Saturation
MMX Register 2 to MMX Register 1
0FED [11 mm1 mm2] MMX reg 1 [sign word] <--sat-- MMX reg 1 [sign word] + MMX reg 2 [sign word]
1/1
Memory to Register
0FED [mod mm r/m]
MMX reg [sign word] <--sat-- memory [sign word] + MMX reg [sign word]
1/1
PADDUSB Add Unsigned Byte with Saturation
MMX Register 2 to MMX Register 1
0FDC [11 mm1 mm2] MMX reg 1 [byte] <--sat-- MMX reg 1 [byte] + MMX reg 2 [byte]
1/1
Memory to Register
0FDC [mod mm r/m]
MMX reg [byte] <--sat-- memory [byte] + MMX reg [byte]
1/1
PADDUSW Add Unsigned Word with Saturation
MMX Register 2 to MMX Register 1
0FDD [11 mm1 mm2] MMX reg 1 [word] <--sat-- MMX reg 1 [word] + MMX reg 2 [word]
1/1
Memory to Register
0FDD [mod mm r/m]
MMX reg [word] <--sat-- memory [word] + MMX reg [word]
1/1
PADDW Packed Add Word with Wrap-Around
MMX Register 2 to MMX Register 1
0FFD [11 mm1 mm2] MMX reg 1 [word] <---- MMX reg 1 [word] + MMX reg 2 [word]
1/1
Memory to MMX Register
0FFD [mod mm r/m]
MMX reg [word] <---- memory [word] + MMX reg [word]
1/1
PAND Bitwise Logical AND
MMX Register 2 to MMX Register 1
0FDB [11 mm1 mm2] MMX reg 1 [qword] <--logic AND-- MMX reg 1 [qword], MMX reg 2 [qword]
1/1
Memory to MMX Register
0FDB [mod mm r/m]
MMX reg [qword] <--logic AND-- memory [qword], MMX reg [qword]
PANDN Bitwise Logical AND NOT
MMX Register 2 to MMX Register 1
0FDF [11 mm1 mm2] MMX reg 1 [qword] <--logic AND -- NOT MMX reg 1 [qword], MMX reg 2 [qword]
1/1
Memory to MMX Register
0FDF [mod mm r/m]
MMX reg [qword] <--logic AND-- NOT MMX reg [qword], Memory [qword]
1/1
PCMPEQB Packed Byte Compare for Equality
MMX Register 2 with MMX Register 1
0F74 [11 mm1 mm2]
MMX reg 1 [byte] <--FFh-- if MMX reg 1 [byte] = MMX reg 2 [byte]
MMX reg 1 [byte]<--00h-- if MMX reg 1 [byte] NOT = MMX reg 2 [byte]
1/1
Memory with MMX Register
0F74 [mod mm r/m]
MMX reg [byte] <--FFh-- if memory[byte] = MMX reg [byte]
MMX reg [byte] <--00h-- if memory[byte] NOT = MMX reg [byte]
1/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com