Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 242 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 242 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 238Page - National Semiconductor (TI) GX1 Datasheet HTML 239Page - National Semiconductor (TI) GX1 Datasheet HTML 240Page - National Semiconductor (TI) GX1 Datasheet HTML 241Page - National Semiconductor (TI) GX1 Datasheet HTML 242Page - National Semiconductor (TI) GX1 Datasheet HTML 243Page - National Semiconductor (TI) GX1 Datasheet HTML 244Page - National Semiconductor (TI) GX1 Datasheet HTML 245Page - National Semiconductor (TI) GX1 Datasheet HTML 246Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 247 page
background image
www.national.com
242
Revision 1.0
Instruction Set (Continued)
PSRAW Packed Shift Right Arithmetic Word
MMX Register 1 by MMX Register 2
0FE1 [11 mm1 mm2]
MMX reg 1 [word] <--arith shift right, shifting in zeroes by MMX reg 2 [word]--
1/1
MMX Register by Memory
0FE1 [mod mm r/m]
MMX reg [word] <--arith shift right, shifting in zeroes by memory[word--]
1/1
MMX Register by Immediate
0F71 [11 100 mm] #
MMX reg [word] <--arith shift right, shifting in zeroes by [im byte]--
1/1
PSRLD Packed Shift Right Logical Dword
MMX Register 1 by MMX Register 2
0FD2 [11 mm1 mm2] MMX reg 1 [dword] <--shift right, shifting in zeroes by MMX reg 2 [dword]--
1/1
MMX Register by Memory
0FD2 [mod mm r/m]
MMX reg [dword] <--shift right, shifting in zeroes by memory[dword]--
1/1
MMX Register by Immediate
0F72 [11 010 mm] #
MMX reg [dword] <--shift right, shifting in zeroes by [im byte]--
1/1
PSRLQ Packed Shift Right Logical Qword
MMX Register 1 by MMX Register 2
0FD3 [11 mm1 mm2] MMX reg 1 [qword] <--shift right, shifting in zeroes by MMX reg 2 [qword]
1/1
MMX Register by Memory
0FD3 [mod mm r/m]
MMX reg [qword] <--shift right, shifting in zeroes by memory[qword]
1/1
MMX Register by Immediate
0F73 [11 010 mm] #
MMX reg [qword] <--shift right, shifting in zeroes by [im byte]
1/1
PSRLW Packed Shift Right Logical Word
MMX Register 1 by MMX Register 2
0FD1 [11 mm1 mm2] MMX reg 1 [word] <--shift right, shifting in zeroes by MMX reg 2 [word]
1/1
MMX Register by Memory
0FD1 [mod mm r/m]
MMX reg [word] <--shift right, shifting in zeroes by memory[word]
1/1
MMX Register by Immediate
0F71 [11 010 mm] #
MMX reg [word] <--shift right, shifting in zeroes by imm[word]
1/1
PSUBB Subtract Byte With Wrap-Around
MMX Register 2 to MMX Register 1
0FF8 [11 mm1 mm2]
MMX reg 1 [byte] <---- MMX reg 1 [byte] subtract MMX reg 2 [byte]
1/1
Memory to MMX Register
0FF8 [mod mm r/m]
MMX reg [byte] <---- MMX reg [byte] subtract memory [byte]
1/1
PSUBD Subtract Dword With Wrap-Around
MMX Register 2 to MMX Register 1
0FFA [11 mm1 mm2]
MMX reg 1 [dword] <---- MMX reg 1 [dword] subtract MMX reg 2 [dword]
1/1
Memory to MMX Register
0FFA [mod mm r/m]
MMX reg [dword] <---- MMX reg [dword] subtract memory [dword]
1/1
PSUBSB Subtract Byte Signed With Saturation
MMX Register 2 to MMX Register 1
0FE8 [11 mm1 mm2]
MMX reg 1 [sign byte] <--sat-- MMX reg 1 [sign byte] subtract MMX reg 2 [sign
byte]
1/1
Memory to MMX Register
0FE8 [mod mm r/m]
MMX reg [sign byte] <--sat-- MMX reg [sign byte] subtract memory [sign byte]
1/1
PSUBSW Subtract Word Signed With Saturation
MMX Register 2 to MMX Register 1
0FE9 [11 mm1 mm2]
MMX reg 1 [sign word] <--sat-- MMX reg 1 [sign word] subtract MMX reg 2 [sign
word]
1/1
Memory to MMX Register
0FE9 [mod mm r/m]
MMX reg [sign word] <--sat-- MMX reg [sign word] subtract memory [sign word]
1/1
PSUBUSB Subtract Byte Unsigned With Saturation
MMX Register 2 to MMX Register 1
0FD8 [11 mm1 mm2] MMX reg 1 [byte] <--sat-- MMX reg 1 [byte] subtract MMX reg 2 [byte]
1/1
Memory to MMX Register
0FD8 [11 mm reg]
MMX reg [byte] <--sat-- MMX reg [byte] subtract memory [byte]
1/1
PSUBUSW Subtract Word Unsigned With Saturation
MMX Register 2 to MMX Register 1
0FD9 [11 mm1 mm2] MMX reg 1 [word] <--sat-- MMX reg 1 [word] subtract MMX reg 2 [word]
1/1
Memory to MMX Register
0FD9 [11 mm reg]
MMX reg [word] <--sat-- MMX reg [word] subtract memory [word]
1/1
PSUBW Subtract Word With Wrap-Around
MMX Register 2 to MMX Register 1
0FF9 [11 mm1 mm2]
MMX reg 1 [word] <---- MMX reg 1 [word] subtract MMX reg 2 [word]
1/1
Memory to MMX Register
0FF9 [mod mm r/m]
MMX reg [word] <---- MMX reg [word] subtract memory [word]
1/1
PUNPCKHBW Unpack High Packed Byte, Data to Packed Words
MMX Register 2 to MMX Register 1
0F68 [11 mm1 mm2]
MMX reg 1 [byte] <--interleave-- MMX reg 1 [up byte], MMX reg 2 [up byte]
1/1
Memory to MMX Register
0F68 [11 mm reg]
MMX reg [byte] <--interleave-- memory [up byte], MMX reg [up byte]
1/1
PUNPCKHDQ Unpack High Packed Dword, Data to Qword
MMX Register 2 to MMX Register 1
0F6A [11 mm1 mm2]
MMX reg 1 [dword] <--interleave-- MMX reg 1 [up dword], MMX reg 2 [up dword]
1/1
Memory to MMX Register
0F6A [11 mm reg]
MMX reg [dword] <--interleave-- memory [up dword], MMX reg [up dword]
1/1
PUNPCKHWD Unpack High Packed Word, Data to Packed Dwords
MMX Register 2 to MMX Register 1
0F69 [11 mm1 mm2]
MMX reg 1 [word] <--interleave-- MMX reg 1 [up word], MMX reg 2 [up word]
1/1
Memory to MMX Register
0F69 [11 mm reg]
MMX reg [word] <--interleave-- memory [up word], MMX reg [up word]
1/1
PUNPCKLBW Unpack Low Packed Byte, Data to Packed Words
MMX Register 2 to MMX Register 1
0F60 [11 mm1 mm2]
MMX reg 1 [word] <--interleave-- MMX reg 1 [low byte], MMX reg 2 [low byte]
1/1
Memory to MMX Register
0F60 [11 mm reg]
MMX reg [word] <--interleave-- memory [low byte], MMX reg [low byte]
1/1
PUNPCKLDQ Unpack Low Packed Dword, Data to Qword
MMX Register 2 to MMX Register 1
0F62 [11 mm1 mm2]
MMX reg 1 [word] <--interleave-- MMX reg 1 [low dword], MMX reg 2 [low
dword]
1/1
Memory to MMX Register
0F62 [11 mm reg]
MMX reg [word] <--interleave-- memory [low dword], MMX reg [low dword]
1/1
Table 8-31. MMX Instruction Set Summary (Continued)
MMX Instructions
Opcode
Operation and Clock Count (Latency/Throughput)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com