Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 239Page - National Semiconductor (TI) GX1 Datasheet HTML 240Page - National Semiconductor (TI) GX1 Datasheet HTML 241Page - National Semiconductor (TI) GX1 Datasheet HTML 242Page - National Semiconductor (TI) GX1 Datasheet HTML 243Page - National Semiconductor (TI) GX1 Datasheet HTML 244Page - National Semiconductor (TI) GX1 Datasheet HTML 245Page - National Semiconductor (TI) GX1 Datasheet HTML 246Page - National Semiconductor (TI) GX1 Datasheet HTML 247Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 246 / 247 page
background image
www.national.com
246
Revision 1.0
Appendix A
Support Documentation
A.1
ORDER INFORMATION
A.2
DATA BOOK REVISION HISTORY
This document is a report of the revision/creation process of the data book for the GX1 Processor. Any revisions (i.e., addi-
tions, deletions, parameter corrections, etc.) are recorded in the tables below.
Order Number
Part Marking
Core
Frequency
(MHz)
Core
Voltage
(VCC2)
Temperature
(Degree C)
Package
G1-300P-85-2.0
GX1-300P 2.0V 85C
300
2.0V
85
SPGA
G1-300B-85-2.0
GX1-300B 2.0V 85C
300
2.0V
BGA
G1-266P-85-1.8
GX1-266P 1.8V 85C
266
1.8V
SPGA
G1-266B-85-1.8
GX1-266B 1.8V 85C
266
1.8V
BGA
G1-233P-85-1.8
GX1-233P 1.8V 85C
233
1.8V
SPGA
G1-233B-85-1.8
GX1-233B 1.8V 85C
233
1.8V
BGA
G1-200P-85-1.6
GX1-200P 1.6V 85C
200
1.6V
SPGA
G1-200B-85-1.6
GX1-200B 1.6V 85C
200
1.6V
BGA
Table A-1. Revision History
Revision #
(PDF Date)
Revisions / Comments
0.1 (11/30/99)
Creation phase
0.2 (12/7/99)
Entered first round of edits from TME with only the ACs in the Electrical section. Submitted to S.
McGinness.
0.3 (12/9/99)
Added DCs to Electrical section.
0.4 (3/9/00)
Added changes from engineering.
0.5 (3/22/00)
Added changes from engineering.
1.0 (4/1/00)
Added changes from engineering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com