Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 235Page - National Semiconductor (TI) GX1 Datasheet HTML 236Page - National Semiconductor (TI) GX1 Datasheet HTML 237Page - National Semiconductor (TI) GX1 Datasheet HTML 238Page - National Semiconductor (TI) GX1 Datasheet HTML 239Page - National Semiconductor (TI) GX1 Datasheet HTML 240Page - National Semiconductor (TI) GX1 Datasheet HTML 241Page - National Semiconductor (TI) GX1 Datasheet HTML 242Page - National Semiconductor (TI) GX1 Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 247 page
background image
Revision 1.0
239
www.national.com
Instruction Set (Continued)
8.5
MMX INSTRUCTION SET
The CPU is functionally divided into the FPU unit, and the
integer unit. The FPU has been extended to process both
MMX instructions and floating point instructions in parallel
with the integer unit.
For example, when the integer unit detects an MMX
instruction, the instruction passes to the FPU unit for exe-
cution. The integer unit continues to execute instructions
while the FPU unit executes the MMX instruction. If another
MMX instruction is encountered, the second MMX instruc-
tion is placed in the MMX queue. Up to four MMX instruc-
tions can be queued.
The MMX instruction set is summarized in Table 8-31. The
abbreviations used in the table are listed Table 8-30.
Table 8-30. MMX Instruction Set Table Legend
Abbreviation
Description
<----
Result written.
[11 mm reg]
Binary or binary groups of digits.
mm
One of eight 64-bit MMX registers.
reg
A general purpose register.
<--sat--
If required, the resultant data is saturated to
remain in the associated data range.
<--move--
Source data is moved to result location.
[byte]
Eight 8-bit BYTEs are processed in parallel.
[word]
Four 16-bit WORDs are processed in paral-
lel.
[dword]
Two 32-bit DWORDs are processed in par-
allel.
[qword]
One 64-bit QWORD is processed.
[sign xxx]
The BYTE, WORD, DWORD or QWORD
most significant bit is a sign bit.
mm1, mm2
MMX Register 1, MMX Register 2.
mod r/m
Mod and r/m byte encoding (Table 8-15 on
page 217).
pack
Source data is truncated or saturated to
next smaller data size, then concatenated.
packdw
Pack two DWORDs from source and two
DWORDs from destination into four
WORDs in the destination register.
packwb
Pack four WORDs from source and four
WORDs from destination into eight BYTEs
in the destination register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com