Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 65 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 61Page - ATMEL Corporation XMEGAD Datasheet HTML 62Page - ATMEL Corporation XMEGAD Datasheet HTML 63Page - ATMEL Corporation XMEGAD Datasheet HTML 64Page - ATMEL Corporation XMEGAD Datasheet HTML 65Page - ATMEL Corporation XMEGAD Datasheet HTML 66Page - ATMEL Corporation XMEGAD Datasheet HTML 67Page - ATMEL Corporation XMEGAD Datasheet HTML 68Page - ATMEL Corporation XMEGAD Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 309 page
background image
65
8210B–AVR–04/10
XMEGA D
6.9.3
LOCK - Clock System Lock Register
• Bit 7:1 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 0 - LOCK: Clock System Lock
When the LOCK bit is written to one the CTRL and PSCTRL registers cannot be changed, and
the system clock selection and prescaler settings is protected against all further updates until
after the next reset. This bits are protected by the Configuration Change Protection mechanism,
for details refer to ”Configuration Change Protection” on page 12.
The LOCK bit will only be cleared by a system reset.
6.9.4
RTCCTRL - RTC Control Register
• Bit 7:4 - Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bit 3:1 - RTCSRC[2:0]: Clock Source
These bits select the clock source for the Real Time Counter according to Table 6-4.
Bit
7
65
432
10
+0x02
–
–
–
–
–
–
–
LOCK
LOCK
Read/Write
RRR
RR
RR
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
+0x03
–
–
–
–
RTCSRC[2:0]
RTCEN
RTCCTRL
Read/Write
RRRR
R/W
R/W
R/W
R/W
Initial Value
00000000
Table 6-4.
RTC Clock Source
RTCSRC[2:0]
Group Configuration
Description
000
ULP
1 kHz from internal 32 kHz ULP
001
TOSC
1.024 kHz from 32.768 kHz Crystal Oscillator on TOSC
010
RCOSC
1.024 kHz from internal 32.768 kHz RC Oscillator
011
-
Reserved
100
-
Reserved
101
TOSC32
32.768 kHz from 32.768 kHz Crystal Oscillator on TOSC
110
-
Reserved
111
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com