Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 64 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 60Page - ATMEL Corporation XMEGAD Datasheet HTML 61Page - ATMEL Corporation XMEGAD Datasheet HTML 62Page - ATMEL Corporation XMEGAD Datasheet HTML 63Page - ATMEL Corporation XMEGAD Datasheet HTML 64Page - ATMEL Corporation XMEGAD Datasheet HTML 65Page - ATMEL Corporation XMEGAD Datasheet HTML 66Page - ATMEL Corporation XMEGAD Datasheet HTML 67Page - ATMEL Corporation XMEGAD Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 309 page
background image
64
8210B–AVR–04/10
XMEGA D
• Bit 6:2 - PSADIV[4:0]: Prescaler A Division Factor
These bits define the division ratio of the clock prescaler A according to Table 6-2. These bits
can be written run-time to change the clock frequency of the clk
PER4 clock relative to the System
clock, clk
SYS .
• Bit 1:0 - PSBCDIV: Prescaler B and C Division Factor
These bits define the division ratio of the clock prescaler B and C according to Table 6-3. Pres-
caler B will set the clock frequency for the clk
PER2 clock relative to the clkPER4. Prescaler C will
set the clock frequency for the clk
PER and clkCPU clocks relative to the clkPER2 clock. Refer to Fig-
ure 6-5 on page 59 fore more details.
Table 6-2.
Prescaler A division factor
PSADIV[4:0]
Group Configuration
Description
00000
1
No division
00001
2
Divide by 2
00011
4
Divide by 4
00101
8
Divide by 8
00111
16
Divide by 16
01001
32
Divide by 32
01011
64
Divide by 64
01101
128
Divide by 128
01111
256
Divide by 256
10001
512
Divide by 512
10101
Reserved
10111
Reserved
11001
Reserved
11011
Reserved
11101
Reserved
11111
Reserved
Table 6-3.
Prescaler B and C division factor
PSBCDIV[1:0]
Group Configuration
Prescaler B division
Prescaler C division
00
1_1
No division
No division
01
1_2
No division
Divide by 2
10
4_1
Divide by 4
No division
11
2_2
Divide by 2
Divide by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com