Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 48 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 44Page - ATMEL Corporation XMEGAD Datasheet HTML 45Page - ATMEL Corporation XMEGAD Datasheet HTML 46Page - ATMEL Corporation XMEGAD Datasheet HTML 47Page - ATMEL Corporation XMEGAD Datasheet HTML 48Page - ATMEL Corporation XMEGAD Datasheet HTML 49Page - ATMEL Corporation XMEGAD Datasheet HTML 50Page - ATMEL Corporation XMEGAD Datasheet HTML 51Page - ATMEL Corporation XMEGAD Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 309 page
background image
48
8210B–AVR–04/10
XMEGA D
datasheet for each peripheral, but unless stated, an event lasts for one peripheral clock cycle
only.
It takes maximum two clock cycles from an event is generated until the event actions in other
peripherals is triggered. It takes one clock cycle from the event happens until it is registered by
the event routing network on the first positive clock edge. It takes an additional clock cycle to
route the event through the event channel to the event user.
5.6
Filtering
Each event channel includes a digital filter. When this is enabled for an event channel, an event
must be sampled with the same value for configurable number of system clock cycles before it is
accepted. This is primarily intended for pin change events.
5.7
Quadrature Decoder
The Event System includes one Quadrature Decoder (QDEC). This enables the Event System
to decode quadrature input on I/O pins, and send data events that a Timer/Counter can decode
to trigger the appropriate event action: count up, count down or index/reset. Table 5-2 on page
48 summarizes which quadrature decoder data events are available, how they are decoded, and
how they can be generated. The QDEC and related features, control and status register are
available for event channel 0.
5.7.1
Quadrature Operation
A quadrature signal is characterized by having two square waves phase shifted 90 degrees rela-
tive to each other. Rotational movement can be measured by counting the edges of the two
waveforms. The phase relationship between the two square waves determines the direction of
rotation.
Figure 5-4.
Quadrature signals from a rotary encoder
Table 5-2.
Quadrature Decoder Data Events
STROBE
DATA
Data Event User
Signaling Event User
0
0
No Event
No Event
0
1
Index/Reset
No Event
1
0
Count Down
Signaling Event
1
1
Count Up
Signaling Event
00
10
11
01
QDPH0
QDPH90
QDINDX
Forward Direction
Backward
Direction
01
11
10
00
1 cycle / 4 states
QDPH0
QDPH90
QDINDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com