Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 57 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 53Page - ATMEL Corporation XMEGAD Datasheet HTML 54Page - ATMEL Corporation XMEGAD Datasheet HTML 55Page - ATMEL Corporation XMEGAD Datasheet HTML 56Page - ATMEL Corporation XMEGAD Datasheet HTML 57Page - ATMEL Corporation XMEGAD Datasheet HTML 58Page - ATMEL Corporation XMEGAD Datasheet HTML 59Page - ATMEL Corporation XMEGAD Datasheet HTML 60Page - ATMEL Corporation XMEGAD Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 309 page
background image
57
8210B–AVR–04/10
XMEGA D
6.3.3
Peripheral Clock - clk
PER
The majority of peripherals and system modules use the Peripheral Clock. This includes the
Event System, Interrupt Controller and RAM. This clock is always synchronous to the CPU
Clock but may run even if the CPU Clock is turned off.
6.3.4
Peripheral 2x/4x Clocks clk
PER2/clkPER4
Modules that can run at two or four times the CPU Clock frequency can use the Peripheral 2x
and Peripheral 4x clocks.
6.3.5
Asynchronous Clock - clk
ASY
The Asynchronous Clock allows the Real Time Counter (RTC) to be clocked directly from an
external 32.768 kHz crystal oscillator, or the 32 times prescaled output from theinternal
32.768 kHz oscillator or ULP oscillator. The dedicated clock domain allows operation of this
peripheral, even if the device is in a sleep mode where the rest of the clocks are stopped.
6.4
Clock Sources
The clock sources are divided in two main groups: internal oscillators and external clock
sources. Most of the clock sources can be directly enabled and disabled from software, while
others are automatically enabled or disabled dependent on current peripheral settings. After
reset the device starts up running from the 2 MHz internal oscillator. The DFLLs and PLL are
turned off by default.
6.4.1
Internal Oscillators
The internal oscillators do not require any external components to run. For details on character-
istics and accuracy of the internal oscillators refer to the device datasheet.
6.4.1.1
32 kHz Ultra Low Power Oscillator
This oscillator provides an approximate 32 kHz clock. The 32 kHz Ultra Low Power (ULP) Inter-
nal Oscillator is a very low power clock source, and it is not designed for high accuracy.The
oscillator employs a built in prescaler providing both a 32 kHz output and a 1 kHz output. The
oscillator is automatically enabled/disabled when used as clock source for any part of the
device. This oscillator can be selected as clock source for the RTC.
6.4.1.2
32.768 kHz Calibrated Internal Oscillator
This RC oscillator provides an approximate 32.768 kHz clock. A factory-calibrated value is writ-
ten to the 32.768 kHz oscillator calibration register during reset to ensure that the oscillator is
running within its specification. The calibration register can also be written from software for run-
time calibration of the oscillator frequency. The oscillator employs a built in prescaler providing
both a 32.768 kHz output and a 1.024 kHz output.
6.4.1.3
32 MHz Run-time Calibrated Internal Oscillator
This RC oscillator provides an approximate 32 MHz clock. The oscillator employs a Digital Fre-
quency Locked Loop (DFLL) that can be enabled for automatic run-time calibration of the
oscillator. A factory-calibrated value is written to the 32 MHz DFLL Calibration Register during
reset to ensure that the oscillator is running within its specification. The calibration register can
also be written from software for manual run-time calibration of the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com