Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 85 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 81Page - ATMEL Corporation XMEGAD Datasheet HTML 82Page - ATMEL Corporation XMEGAD Datasheet HTML 83Page - ATMEL Corporation XMEGAD Datasheet HTML 84Page - ATMEL Corporation XMEGAD Datasheet HTML 85Page - ATMEL Corporation XMEGAD Datasheet HTML 86Page - ATMEL Corporation XMEGAD Datasheet HTML 87Page - ATMEL Corporation XMEGAD Datasheet HTML 88Page - ATMEL Corporation XMEGAD Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 309 page
background image
85
8210B–AVR–04/10
XMEGA D
• Sampled: In this mode the BOD circuit will sample the VCC level with a period identical to
the 1 kHz output from the Ultra Low Power (ULP) oscillator. Between each sample the BOD is
turned off. This mode will reduce the power consumption compared to the enabled mode, but
a fall in the V
CC level between 2 positive edges of the 1 kHz ULP output will not be detected.
If a brown-out is detected in this mode, the BOD circuit is set in enabled mode to ensure that
the device is kept in reset until V
CC is above VBOT again.
The BODACT fuse determines the BOD setting for active mode and idle mode, while the
BODDS fuse determines the brown-out detection setting for all sleep modes except idle mode.
8.4.3
External reset
The External reset circuit is connected to the external RESET pin. The external reset will trigger
when the RESET pin is driven below the RESET pin threshold voltage, V
RST, for longer than the
minimum pulse period t
EXT. The reset will be held as long as the pin is kept low. The reset pin
includes an internal pull-up resistor.
Figure 8-5.
External reset characteristics.
For characterization data on V
RST and tEXT and pull-up resistor values consult the device
datasheet.
8.4.4
Watchdog reset
The Watchdog Timer (WDT) is a system function for monitoring correct program operation. If the
WDT is not reset from the software within a programmable timout period, a Watchdog reset will
be given. The Watchdog reset is active for 1-2 clock cycles on the 2 MHz internal RC oscillator.
Table 8-3.
BOD setting Fuse Decoding
BODACT[1:0]/ BODDS[1:0]
Mode
00
Reserved
01
Sampled
10
Enabled
11
Disabled
CC
tEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com