Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 20 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 16Page - ATMEL Corporation XMEGAD Datasheet HTML 17Page - ATMEL Corporation XMEGAD Datasheet HTML 18Page - ATMEL Corporation XMEGAD Datasheet HTML 19Page - ATMEL Corporation XMEGAD Datasheet HTML 20Page - ATMEL Corporation XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 309 page
background image
20
8210B–AVR–04/10
XMEGA D
for different protection levels on the Application Section and the Application Table Section
enable safe parameter storage in the Program Memory. If this section is not used for data, appli-
cation code can be reside here.
4.3.3
Boot Loader Section
While the Application Section is used for storing the application code, the Boot Loader software
must be located in the Boot Loader Section since the SPM instruction only can initiate program-
ming when executing from the this section. The SPM instruction can access the entire Flash,
including the Boot Loader Section itself. The protection level for the Boot Loader Section can be
selected by the Boot Loader Lock bits. If this section is not used for Boot Loader software, appli-
cation code can be stored here.
4.3.4
Production Signature Row
The Production Signature Row is a separate memory section for factory programmed data. It
contains calibration data for functions such as oscillators and analog modules. Some of the cali-
bration values will be automatically loaded to the corresponding module or peripheral unit during
reset. Other values must be loaded from the signature row and written to the corresponding
peripheral registers from software. For details on the calibration conditions such as temperature,
voltage references etc. refer to device datasheet.
The production signature row also contains a device ID that identify each microcontroller device
type, and a serial number that is unique for each manufactured device. The serial number con-
sist of the production LOT number, wafer number, and wafer coordinates for the device.
The production signature row can not be written or erased, but it can be read from both applica-
tion software and external programming.
4.3.5
User Signature Row
The User Signature Row is a separate memory section that is fully accessible (read and write)
from application software and external programming. The user signature row is one flash page
in size, and is meant for static user parameter storage, such as calibration data, custom serial
numbers or identification numbers, random number seeds etc. This section is not erased by
Chip Erase commands that erase the Flash, and requires a dedicated erase command. This
ensures parameter storage during multiple program/erase session and on-chip debug sessions.
4.4
Fuses and Lockbits
The Fuses are used to set important system function and can only be written from an external
programming interface. The application software can read the fuses. The fuses are used to con-
figure reset sources such as Brown-out Detector and Watchdog and Start-up configuration.
The Lock bits are used to set protection level on the different flash sections. They are used to
block read and/or write access of the code. Lock bits can be written from en external program-
mer and from the application software to set a more strict protection level, but not to set a less
strict protection level. Chip erase is the only way to erase the lock bits. The lock bits are erased
after the rest of the flash memory is erased.
An unprogrammed fuse or lock bit will have the value one, while a programmed flash or lock bit
will have the value zero.
Both fuses and lock bits are reprogrammable like the Flash Program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com