Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 41 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 37Page - ATMEL Corporation XMEGAD Datasheet HTML 38Page - ATMEL Corporation XMEGAD Datasheet HTML 39Page - ATMEL Corporation XMEGAD Datasheet HTML 40Page - ATMEL Corporation XMEGAD Datasheet HTML 41Page - ATMEL Corporation XMEGAD Datasheet HTML 42Page - ATMEL Corporation XMEGAD Datasheet HTML 43Page - ATMEL Corporation XMEGAD Datasheet HTML 44Page - ATMEL Corporation XMEGAD Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 309 page
background image
41
8210B–AVR–04/10
XMEGA D
4.17
Register Summary - NVM Controller
4.18
Register Summary - Fuses and Lockbits
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
+0x00
ADDR0
NVM Address Byte 0
25
+0x01
ADDR1
NVM Address Byte 1
25
+0x02
ADDR2
NVM Address Byte 2
25
+0x03
Reserved
–
–
–
–
–
–
–
–
+0x04
DATA0
NVM Data Byte 0
26
+0x05
DATA1
NVM Data Byte 1
26
+0x06
DATA2
NVM Data Byte 2
26
+0x07
Reserved
–
–
–
–
–
–
–
–
+0x08
Reserved
–
–
–
–
–
–
–
–
+0x09
Reserved
–
–
–
–
–
–
–
–
+0x0A
CMD
–CMD[6:0]
26
+0x0B
CTRLA
–
–
–
–
–
–
–CMDEX
27
+0x0C
CTRLB
–
–
–
–
EEMAPEN
FPRM
EPRM
SPMLOCK
27
+0x0D
INTCTRL
–
–
–
–
SPMLVL[1:0]
EELVL[1:0]
28
+0x0E
Reserved
–
–
–
–
–
–
–
–
+0x0F
STATUS
NVMBUSY
FBUSY
–
–
–
–
EELOAD
FLOAD
28
+0x10
LOCKBITS
BLBB[1:0]
BLBA[1:0]
BLBAT[1:0]
LB[1:0]
29
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
+0x01
FUSEBYTE1
WDWPER3:0]
WDPER[3:0]
30
+0x02
FUSEBYTE2
–
BOOTRST
–
–
–
–
BODPD[1:0]
30
+0x03
Reserved
–
–
–
–
–
–
–
–
+0x04
FUSEBYTE4
–
–
–
RSTDISBL
STARTUPTIME[1:0]
WDLOCK
–31
+0x05
FUSEBYTE5
–
–
BODACT[1:0]
EESAVE
BODLEVEL[2:0]
32
+0x06
Reserved
–
–
–
–
–
–
–
–
+0x07
LOCKBITS
BLBB[1:0]
BLBA[1:0]
BLBAT[1:0]
LB[1:0]
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com