Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 14 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 10Page - ATMEL Corporation XMEGAD Datasheet HTML 11Page - ATMEL Corporation XMEGAD Datasheet HTML 12Page - ATMEL Corporation XMEGAD Datasheet HTML 13Page - ATMEL Corporation XMEGAD Datasheet HTML 14Page - ATMEL Corporation XMEGAD Datasheet HTML 15Page - ATMEL Corporation XMEGAD Datasheet HTML 16Page - ATMEL Corporation XMEGAD Datasheet HTML 17Page - ATMEL Corporation XMEGAD Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 309 page
background image
14
8210B–AVR–04/10
XMEGA D
3.14.2
RAMPD - Extended Direct Addressing Register
This register is concatenated with the operand for direct addressing (LDS/STS) of the whole
data memory space on devices with more than 64K bytes of data memory. When accessing
data addresses below 64K bytes, this register is not in use. This register is not available if the
data memory including external memory is less than 64K bytes.
• Bit 7:0 – RAMPD[7:0]: Extended Direct Addressing bits
These bits holds the 8 MSB of the 24-bit address created by RAMPD and the 16-bit operand.
Only the number of bits required to address the available data memory is implemented for each
device. Unused bits will always read as zero.
3.14.3
RAMPX - Extended X-Pointer Register
This register is concatenated with the X-register for indirect addressing (LD/LDD/ST/STD) of the
whole data memory space on devices with more than 64K bytes of data memory. When access-
ing data addresses below 64K bytes, this register is not in use. This register is not available if the
data memory including external memory is less than 64K bytes.
• Bit 7:0 – RAMPX[7:0]: Extended X-pointer Address bits
These bits holds the 8 MSB of the 24-bit address created by RAMPX and the 16-bit X-register.
Only the number of bits required to address the available data memory is implemented for each
device. Unused bits will always read as zero.
3.14.4
RAMPY - Extended Y-Pointer Register
This register is concatenated with the Y-register for indirect addressing (LD/LDD/ST/STD) of the
whole data memory space on devices with more than 64K bytes of data memory. When access-
ing data addresses below 64K bytes, this register is not in use. This register is not available if the
data memory including external memory is less than 64K bytes.
• Bit 7:0 – RAMPY[7:0]: Extended Y-pointer Address bits
These bits hold the 8 MSB of the 24-bit address created by RAMPY and the 16-bit Y-register.
Only the number of bits required to address the available data memory is implemented for each
device. Unused bits will always read as zero.
Bit
765
432
10
+0x08
RAMPD[7:0]
RAMPD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5432
10
+0x09
RAMPX[7:0]
RAMPX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00
0000
00
Bit
7
65
43
21
0
+0x0A
RAMPY[7:0]
RAMPY
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com