Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 40 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 36Page - ATMEL Corporation XMEGAD Datasheet HTML 37Page - ATMEL Corporation XMEGAD Datasheet HTML 38Page - ATMEL Corporation XMEGAD Datasheet HTML 39Page - ATMEL Corporation XMEGAD Datasheet HTML 40Page - ATMEL Corporation XMEGAD Datasheet HTML 41Page - ATMEL Corporation XMEGAD Datasheet HTML 42Page - ATMEL Corporation XMEGAD Datasheet HTML 43Page - ATMEL Corporation XMEGAD Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 309 page
background image
40
8210B–AVR–04/10
XMEGA D
4.16.5
MCUCR – MCU Control Register
• Bit 7:0 - Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
4.16.6
EVSYSLOCK – Event System Lock Register
• Bit 7:1 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 0 - EVSYS0LOCK:
Writing this bit to one will lock all registers in the Event System related to event channels 0 to 3
for further modifications. The following registers in the Event System are locked: CH0MUX,
CH0CTRL, CH1MUX, CH1CTRL, CH2MUX, CH2CTRL, CH3MUX, CH3CTRL. This bit is pro-
tected by the Configuration Change Protection mechanism, for details refer to Section 3.12
”Configuration Change Protection” on page 12.
4.16.7
AWEXLOCK – Advanced Waveform Extension Lock Register
• Bit 7:1 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 0 - AWEXCLOCK: Advanced Waveform Extension Lock for TCC0
Writing this bit to one will lock all registers in the AWEXC module for Timer/Counter C0 for fur-
ther modifications. This bit is protected by the Configuration Change Protection mechanism, for
details refer to Section 3.12 ”Configuration Change Protection” on page 12.
Bit
7
6
543
210
+0x06
–
–
–
–
–
–
–
–
MCUCR
Read/Write
R
RRR
RRR
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x08
–
–
–
–
–
–
–
EVSYS0LOCK
EVSYSLOCK
Read/Write
RR
RR
RR
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
432
1
0
+0x09
–
–
–
–
–
–
–
AWEXCLOCK
AWEXLOCK
Read/Write
RR
RR
RR
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com