Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 61 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 57Page - ATMEL Corporation XMEGAD Datasheet HTML 58Page - ATMEL Corporation XMEGAD Datasheet HTML 59Page - ATMEL Corporation XMEGAD Datasheet HTML 60Page - ATMEL Corporation XMEGAD Datasheet HTML 61Page - ATMEL Corporation XMEGAD Datasheet HTML 62Page - ATMEL Corporation XMEGAD Datasheet HTML 63Page - ATMEL Corporation XMEGAD Datasheet HTML 64Page - ATMEL Corporation XMEGAD Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 309 page
background image
61
8210B–AVR–04/10
XMEGA D
Figure 6-6.
Figure 5-5. DFLL reference clock selection
When the DFLL is enabled it will count each oscillator clock cycle, and for each reference clock
edge, the counter value is compared to the fixed ideal relationship between the reference clock
and the 1.024 kHz reference frequency. If the internal oscillator runs too fast or too slow, the
DFLL will decrement or increment the corresponding DFLL Calibration Register value by one to
adjust the oscillator frequency slightly. When the DFLL is enabled the DFLL Calibration Register
cannot be written from software.
The ideal counter value representing the number of oscillator clock cycles for each reference
clock cycle is loaded to the DFLL Oscillator Compare Register during reset. The register can
also be written from software to change the frequency the internal oscillator is calibrated to.
The DFLL will stop when entering a sleep-mode where the oscillators are stopped. After wake-
up the DFLL will continue with the calibration value found before entering sleep. For the DFLL
Calibration Register to be reloaded with the default value it has after reset, the DFLL must dis-
abled before entering sleep and enabled the again after leaving sleep.
The active reference cannot be disabled when the DFLL is enabled.
When the DFLL is disabled the DFLL calibration Register can be written from software for man-
ual run-time calibration of the oscillator.
For details on internal oscillator accuracy when the DFLL is enabled, refer to the device
datasheet.
6.8
External Clock Source Failure Monitor
To handle external clock source failures, there is a built-in monitor circuit monitoring the oscilla-
tor or clock used to derive the XOSC clock. The External Clock Source Failure Monitor is
disabled by default, and it must be enabled from software before it can be used. If an external
TOSC1
TOSC2
32.768 kHz Crystal Osc.
32.768 kHz Int. Osc.
2 MHz Int. Osc.
32 MHz Int. Osc.
DFLL
DFLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com