Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 34 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 30Page - ATMEL Corporation XMEGAD Datasheet HTML 31Page - ATMEL Corporation XMEGAD Datasheet HTML 32Page - ATMEL Corporation XMEGAD Datasheet HTML 33Page - ATMEL Corporation XMEGAD Datasheet HTML 34Page - ATMEL Corporation XMEGAD Datasheet HTML 35Page - ATMEL Corporation XMEGAD Datasheet HTML 36Page - ATMEL Corporation XMEGAD Datasheet HTML 37Page - ATMEL Corporation XMEGAD Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 309 page
background image
34
8210B–AVR–04/10
XMEGA D
4.14
Register Description - Production Signature Row
4.14.1
RCOSC2M - Internal 2 MHz Oscillator Calibration Register
• Bit 7:0 - RCOSC2M[7:0]: Internal 2 MHz Oscillator Calibration Value
This byte contains the oscillator calibration value for the internal 2 MHz oscillator. Calibration of
the oscillator is performed during production test of the device. During reset this value is auto-
matically loaded into the Calibration Register B for the 2 MHz DFLL, refer to ”CALB - Calibration
Register B” on page 92 for more details.
4.14.2
RCOSC32K - Internal 32.768 kHz Oscillator Calibration Register
• Bit 7:0 - RCOSC32K[7:0]: Internal 32 kHz Oscillator Calibration Value
This byte contains the oscillator calibration value for the internal 32.768 kHz oscillator. Calibra-
tion of the oscillator is performed during production test of the device. During reset this value is
automatically loaded into the calibration register for the 32.768 kHz oscillator, refer to
”RC32KCAL - 32 KHz Oscillator Calibration Register” on page 90 for more details.
4.14.3
RCOSC32M - Internal 32 MHz RC Oscillator Calibration Register
• Bit 7:0 - RCOSC32M[7:0]: Internal 32 MHz Oscillator Calibration Value
This byte contains the oscillator calibration value for the internal 32 MHz oscillator. Calibration of
the oscillator is performed during production test of the device. During reset this value is auto-
matically loaded into the Calibration Register B for the 32 MHz DFLL, refer to ”CALB -
Calibration Register B” on page 92 for more details.
Bit
7
654
3
2
1
0
+0x00
RCOSC2M[7:0]
RCOSC2M
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
7
654
3
2
1
0
+0x02
RCOSC32K[7:0]
RCOSC32K
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
7
654
3
2
1
0
+0x03
RCOSC32M[7:0]
RCOSC32M
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com