Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 77 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 73Page - ATMEL Corporation XMEGAD Datasheet HTML 74Page - ATMEL Corporation XMEGAD Datasheet HTML 75Page - ATMEL Corporation XMEGAD Datasheet HTML 76Page - ATMEL Corporation XMEGAD Datasheet HTML 77Page - ATMEL Corporation XMEGAD Datasheet HTML 78Page - ATMEL Corporation XMEGAD Datasheet HTML 79Page - ATMEL Corporation XMEGAD Datasheet HTML 80Page - ATMEL Corporation XMEGAD Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 309 page
background image
77
8210B–AVR–04/10
XMEGA D
• Bit 1 - SEN: Sleep Enable
This bit must be set to make the MCU enter the selected sleep mode when the SLEEP instruc-
tion is executed. To avoid unintentional entering of sleep modes, it is recommended to write
SEN just before executing the SLEEP instruction, and clearing it immediately after waking up.
7.6
Register Description – Power Reduction
7.6.1
PRGEN - General Power Reduction Register
• Bit 7:3 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 2 - RTC: Real-Time Counter
Setting this stops the clock to the Real Time Counter. When the bit is cleared the peripheral
should be reinitialized to ensure proper operation.
• Bit 1 - EVSYS: Event System
Setting this stops the clock to the Event System. When the bit is cleared the module will continue
like before the shutdown.
• Bit 0 - Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
7.6.2
PRPA/B - Power Reduction Port A/B Register
Note:
Disabling of analog modules stops the clock to the analog blocks themselves and not only the
interfaces.
101
1
-
Reserved
110
1
STDBY
Standby Mode
111
1
ESTDBY
Extended Standby Mode
Table 7-2.
Sleep mode
SMODE[2:0]
SEN
Group Configuration
Description
Bit
7
6543210
+0x00
–
–
–
–
–
RTC
EVSYS
–PRGEN
Read/Write
R
R
R
R
R
R/W
R/W
R
Initial Value
0
0000000
Bit
76543
2
1
0
+0x01/+0x02
–
–
–
–
–
–
ADC
AC
PRPA
Read/Write
RRRRR
R
R/W
R/W
Initial Value
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com