Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 8 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 4Page - ATMEL Corporation XMEGAD Datasheet HTML 5Page - ATMEL Corporation XMEGAD Datasheet HTML 6Page - ATMEL Corporation XMEGAD Datasheet HTML 7Page - ATMEL Corporation XMEGAD Datasheet HTML 8Page - ATMEL Corporation XMEGAD Datasheet HTML 9Page - ATMEL Corporation XMEGAD Datasheet HTML 10Page - ATMEL Corporation XMEGAD Datasheet HTML 11Page - ATMEL Corporation XMEGAD Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 309 page
background image
8
8210B–AVR–04/10
XMEGA D
A flexible interrupt controller has dedicated control registers with an additional Global Interrupt
Enable bit in the Status Register. All interrupts have a separate interrupt vector, starting from the
Reset Vector at address 0 in the Program Memory. All interrupts have a programmable interrupt
level. Within each level they have priority in accordance with their interrupt vector position where
the lower interrupt vector address has the higher priority.
3.6
Instruction Execution Timing
The AVR CPU is driven by the CPU clock clk
CPU. No internal clock division is used. Figure 3-2
on page 8 shows the parallel instruction fetches and instruction executions enabled by the Har-
vard architecture and the fast-access Register File concept. This is the basic pipelining concept
to obtain up to 1 MIPS per MHz with the corresponding unique results for functions per cost,
functions per clocks, and functions per power-unit.
Figure 3-2.
The Parallel Instruction Fetches and Instruction Executions
Figure 3-3 on page 8 shows the internal timing concept for the Register File. In a single clock
cycle an ALU operation using two register operands is executed, and the result is stored back to
the destination register.
Figure 3-3.
Single Cycle ALU Operation
clk
1st Instruction Fetch
1st Instruction Execute
2nd Instruction Fetch
2nd Instruction Execute
3rd Instruction Fetch
3rd Instruction Execute
4th Instruction Fetch
T1
T2
T3
T4
CPU
Total Execution Time
Register Operands Fetch
ALU Operation Execute
Result Write Back
T1
T2
T3
T4
clk
CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com