Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 25 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation XMEGAD Datasheet HTML 28Page - ATMEL Corporation XMEGAD Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 309 page
background image
25
8210B–AVR–04/10
XMEGA D
4.12.9
CTRLB - Non-Volatile Memory Control Register B
• Bit 7:4 - Reserveds
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bit 3 - EEMAPEN: EEPROM Data Memory Mapping Enable
Writing this bit to one will enable Data Memory Mapping of the EEPROM section. The EEPROM
can then be accessed using Load and Store instructions.
• Bit 2 - FPRM: Flash Power Reduction Mode
Writing this bit to one will enable power saving for the flash memory. The section not being
accessed will be turned off like in sleep mode. If code is running from Application Section, the
Boot Loader Section will be turned off and vice versa. If access to the section that is turned off is
required, the CPU will be halted equally long to the start-up time from the Idle sleep mode. This
bit is protected by the Configuration Change Protection (CCP) mechanism, refer to ”Configura-
tion Change Protection” on page 12 for details on the CCP.
• Bit 1 - EPRM: EEPROM Power Reduction Mode
Writing this bit to one will enable power saving for the EEPROM memory. The EEPROM will
then be powered down equal to entering sleep mode. If access is required, the bus master will
be halted equally long as the start-up time from Idle sleep mode. This bit is protected by the
Configuration Change Protection (CCP) mechanism, refer to ”Configuration Change Protection”
on page 12 for details on the CCP.
• Bit 0 - SPMLOCK: SPM Locked
The SPM Locked bit can be written to prevent all further self-programming. The bit is cleared at
reset and cannot be cleared from software. This bit is protected by the Configuration Change
Protection (CCP) mechanism, refer to ”Configuration Change Protection” on page 12 for details
on the CCP.
4.12.10
INTCTRL - Non-Volatile Memory Interrupt Control Register
• Bit 7:4 - Reserved Bits
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
Bit
7
6
5
4
3
2
1
0
+0x0C
–
–
–
–
EEMAPEN
FPRM
EPRM
SPMLOCK
CTRLB
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x0D
–
–
–
–
SPMLVL[1:0]
EELVL[1:0]
INTCTRL
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com