Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 28 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation XMEGAD Datasheet HTML 28Page - ATMEL Corporation XMEGAD Datasheet HTML 29Page - ATMEL Corporation XMEGAD Datasheet HTML 30Page - ATMEL Corporation XMEGAD Datasheet HTML 31Page - ATMEL Corporation XMEGAD Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 309 page
background image
28
8210B–AVR–04/10
XMEGA D
4.13
Register Description – Fuses and Lockbit
4.13.1
FUSEBYTE1 - Non-Volatile Memory Fuse Byte1 - Watchdog Configuration
• Bit 7:4 - WDWPER[3:0]: Watchdog Window Timeout Period
The WDWPER fuse bits are used to set initial value of the closed window for the Watchdog
Timer in Window Mode. During reset these fuse bits are automatically written to the WPER bits
Watchdog Window Mode Control Register, refer to Section 11.7.2 ”WINCTRL – Window Mode
Control Register” on page 120 for details.
• BIT 3:0 - WDPER[3:0]: Watchdog Timeout Period
The WDPER fuse bits are used to set initial value of the Watchdog Timeout Period. During reset
these fuse bits are automatically written to the PER bits in the Watchdog Control Register, refer
to Section 11.7.1 ”CTRL – Watchdog Timer Control Register” on page 119 for details.
4.13.2
FUSEBYTE2 - Non-Volatile Memory Fuse Byte2 - Reset Configuration
• Bit 7 - Reserved
This fuse bit is reserved. For compatibility with future devices, always write this bit to one when
this register is written.
• Bit 6 - BOOTRST: Boot Loader Section Reset Vector
The BOOTRST fuse can be programmed so the Reset Vector is pointing to the first address in
the Boot Loader Flash Section. In this case, the device will start executing from the from Boot
Loader Flash Section after reset.
• Bit 5:2 - Reserved
These fuse bits are reserved. For compatibility with future devices, always write these bits to one
when this register is written.
Bit
7
6
5432
10
+0x01
WDWPER[3:0]
WDPER[3:0]
FUSEBYTE1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0000
00
Bit
7
6
5
4
3210
+0x02
–BOOTRST
–
–
–
–
BODPD[1:0]
FUSEBYTE2
Read/Write
R
R/W
R
R
R
R
R/W
R/W
Initial Value
1
1
1
1
1111
Table 4-1.
Boot Reset Fuse
BOOTRST
Reset Address
0
Reset Vector = Boot Loader Reset
1
Reset Vector = Application Reset (address 0x0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com