Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 51 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 47Page - ATMEL Corporation XMEGAD Datasheet HTML 48Page - ATMEL Corporation XMEGAD Datasheet HTML 49Page - ATMEL Corporation XMEGAD Datasheet HTML 50Page - ATMEL Corporation XMEGAD Datasheet HTML 51Page - ATMEL Corporation XMEGAD Datasheet HTML 52Page - ATMEL Corporation XMEGAD Datasheet HTML 53Page - ATMEL Corporation XMEGAD Datasheet HTML 54Page - ATMEL Corporation XMEGAD Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 309 page
background image
51
8210B–AVR–04/10
XMEGA D
Note:
1. The description of how PORTS generate events are described in ”Port Event” on page 108.
5.8.2
CHnCTRL – Event Channel n Control Register
.
• Bit 7 - Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
0111
0
n
PORTE_PINn(1)
PORTE Pin n (n= 0, 1, 2 ... or 7)
0111
1
n
PORTF_PINn(1)
PORTF Pin n (n= 0, 1, 2 ... or 7)
1000
M
PRESCALER_M
ClkPER divide by M (M=1 to 32768)
1001
XXXX
(Reserved)
1010
XXXX
(Reserved)
1011
XXXX
(Reserved)
1100
0
E
See Table 5-4
Timer/Counter C0 event type E
1100
1
E
See Table 5-4
Timer/Counter C1 event type E
1101
0
E
See Table 5-4
Timer/Counter D0 event type E
1101
1
X
X
X
(Reserved)
1110
0
E
See Table 5-4
Timer/Counter E0 event type E
1110
1
X
X
X
(Reserved)
1111
0
E
See Table 5-4
Timer/Counter F0 event type E
1111
1
X
X
X
(Reserved)
Table 5-4.
Timer/Counter Events
T/C Event E
Group Configuration
Event Type
0
0
0
TCxn_OVF
Over-/Underflow (x = C, D, E or F) (n= 0 or 1)
0
0
1
TCxn_ERR
Error (x = C, D, E or F) (n= 0 or 1)
0
1
X
(Reserved)
1
0
0
TCxn_CCA
Capture or Compare A (x = C, D, E or F) (n= 0 or 1)
1
0
1
TCxn_CCA
Capture or Compare B (x = C, D, E or F) (n= 0 or 1)
1
1
0
TCxn_CCA
Capture or Compare C (x = C, D, E or F) (n= 0 or 1)
1
1
1
TCxn_CCA
Capture or Compare D (x = C, D, E or F) (n= 0 or 1)
Table 5-3.
CHnMUX[7:0] Bit Settings (Continued)
CHnMUX[7:4]
CHnMUX[3:0]
Group Configuration
Event Source
Bit
7
6
543210
–
QDIRM[1:0]
QDIEN
QDEN
DIGFILT[2:0]
CHnCTRL
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com