Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 60 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 56Page - ATMEL Corporation XMEGAD Datasheet HTML 57Page - ATMEL Corporation XMEGAD Datasheet HTML 58Page - ATMEL Corporation XMEGAD Datasheet HTML 59Page - ATMEL Corporation XMEGAD Datasheet HTML 60Page - ATMEL Corporation XMEGAD Datasheet HTML 61Page - ATMEL Corporation XMEGAD Datasheet HTML 62Page - ATMEL Corporation XMEGAD Datasheet HTML 63Page - ATMEL Corporation XMEGAD Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 309 page
background image
60
8210B–AVR–04/10
XMEGA D
The System Clock selection and prescaler registers are protected by the Configuration Change
Protection mechanism, employing a timed write procedure for changing the system clock and
prescaler settings. For details refer to ”Configuration Change Protection” on page 12.
6.6
PLL with 1-31x Multiplication Factor
A built-in Phase Locked Loop (PLL) can be used to generate a high frequency system clock. The
PLL has a user selectable multiplication factor from 1 to 31. The output frequency, f
OUT is given
by the input frequency, f
IN multiplied with the multiplication factor, PLL_FAC. For details on max-
imum and minimum input and output frequency for the PLL, refer to the device datasheet.
Four different reference clock sources can be chosen as input to the PLL:
• 2 MHz internal oscillator
• 32 MHz internal oscillator divided by 4
• 0.4 - 16 MHz Crystal Oscillator
• External clock
To enable the PLL the following procedure must be followed:
1.Enable clock reference source.
2.Set the multiplication factor and select the clock reference for the PLL.
3.Wait until the clock reference source is stable.
4.Enable the PLL.
Hardware ensures that the PLL configuration cannot be changed when the PLL is in use. The
PLL must be disabled before a new configuration can be written.
It is not possible to use the PLL before the selected clock source is stabile and the PLL has
locked.
If using PLL and DFLL the active reference cannot be disabled.
6.7
DFLL 2 MHz and DFLL 32 MHz
Two built-in Digital Frequency Locked Loops (DFLLs) can be used to improve the accuracy of
the 2 MHz and 32 MHz internal oscillators. The DFLL compares the oscillator frequency with a
more accurate reference clock to do automatic run-time calibration of the oscillator. The choices
for the reference clock sources are:
• 32.768 kHz Calibrated Internal Oscillator
• 32.768 kHz Crystal Oscillator connected to the TOSC pins
The DFLLs divide the reference clock by 32 to use a 1.024 kHz reference. The reference clock is
individually selected for each DFLL as shown on Figure 6-6 on page 61.
f
OUT
f
IN
PLL_FAC
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com