Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 70 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 66Page - ATMEL Corporation XMEGAD Datasheet HTML 67Page - ATMEL Corporation XMEGAD Datasheet HTML 68Page - ATMEL Corporation XMEGAD Datasheet HTML 69Page - ATMEL Corporation XMEGAD Datasheet HTML 70Page - ATMEL Corporation XMEGAD Datasheet HTML 71Page - ATMEL Corporation XMEGAD Datasheet HTML 72Page - ATMEL Corporation XMEGAD Datasheet HTML 73Page - ATMEL Corporation XMEGAD Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 309 page
background image
70
8210B–AVR–04/10
XMEGA D
Notes:
1. 32 kHz TOSC cannot be selected as source for the PLL. An external clock must be minimum
0.4 MHz to be used as source clock.
• Bit 5 - Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
• Bit 4:0 - PLLFAC[4:0]: Multiplication Factor
The PLLFAC bits set the multiplication factor for the PLL. The multiplication factor can be in the
range from 1x to 31x.
6.10.7
DFLLCTRL - DFLL Control Register
• Bit 7:2 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 1 - RC32MCREF: 32 MHz Calibration Reference
This bit is used to select the calibration source for the 32 MHz DFLL. By default this bit is zero
and the 32.768 kHz internal RC oscillator is selected. If this bit is set to one the 32.768 kHz Crys-
tal Oscillator connected to TOSC selected as reference. The XOSCEN bit in the CTRL register
must be set to enable the external oscillator, and the XOSCLSEL bits in the XOSCCTRL register
must be set to 32.768 kHz TOSC when this clock source is selected as the the 32 MHz DFLL
reference.
• Bit 0 - RC2MCREF: 2 MHz Calibration Reference
This bit is used to select the calibration source for the 2 MHz DFLL. By default this bit is zero and
the 32.768 kHz internal RC oscillator is selected. If this bit is set to one the 32.768 kHz Crystal
Oscillator on TOSC is selected as reference. The XOSCEN bit in the CTRL register must be set
to enable the external oscillator, and the XOSCLSEL bits in the XOSCCTRL register must be set
to 32.768 kHz TOSC when this clock source is selected as the the 2 MHz DFLL reference.
Table 6-7.
PLL Clock Source
CLKSRC[1:0]
Group Configuration
PLL input source
00
RC2M
2 MHz Internal RC Oscillator
01
-
Reserved
10
RC32M
32 MHz Internal RC Oscillator
11
XOSC
External Clock Source(1)
Bit
765
432
1
0
+0x06
–
–
–
–
–
–
R32MCREF
RC2MCREF
DFLLCTRL
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com