Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 97 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 93Page - ATMEL Corporation XMEGAD Datasheet HTML 94Page - ATMEL Corporation XMEGAD Datasheet HTML 95Page - ATMEL Corporation XMEGAD Datasheet HTML 96Page - ATMEL Corporation XMEGAD Datasheet HTML 97Page - ATMEL Corporation XMEGAD Datasheet HTML 98Page - ATMEL Corporation XMEGAD Datasheet HTML 99Page - ATMEL Corporation XMEGAD Datasheet HTML 100Page - ATMEL Corporation XMEGAD Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 309 page
background image
97
8210B–AVR–04/10
XMEGA D
A return from an interrupt handling routine takes five clock cycles. During these five clock cycles,
the program counter is popped from the stack and the stack pointer is incremented.
10.5
Interrupt level
The interrupt level is independently selected for each interrupt source. For any interrupt request,
the PMIC also receives the interrupt level for the interrupt. The interrupt levels and their corre-
sponding bit values for the interrupt level configuration of all interrupts is shown in Table 10-1.
The interrupt level of an interrupt request is compared against the current level and status of the
interrupt controller. An interrupt request on higher level will interrupt any ongoing interrupt han-
dler from a lower level interrupt. When returning from the higher level interrupt handler, the
execution of the lower level interrupt handler will continue.
10.6
Interrupt priority
Within each interrupt level, all interrupts have a priority. When several interrupt requests are
pending, the order of which interrupts are acknowledged is decided both by the level and the pri-
ority of the interrupt request. Interrupts can be organized in a static or dynamic (round-robin)
priority scheme. High and Medium level interrupts and the NMI will always have static priority.
For Low level interrupts, static or dynamic priority scheduling can be selected.
10.6.1
Static priority
Interrupt vectors (IVEC) are located at fixed addresses. For static priority, the interrupt vector
address decides the priority within one interrupt level where the lowest interrupt vector address
has the highest priority. Refer to the device datasheet for interrupt vector table with the base
address for all modules and peripherals with interrupt. Refer to the interrupt vector summary of
each module and peripheral in this manual for a list of interrupts and their corresponding offset
address within the different modules and peripherals.
Table 10-1.
Interrupt level
Interrupt level
configuration
Group Configuration
Description
00
OFF
Interrupt disabled.
01
LO
Low level interrupt
10
MED
Medium level interrupt
11
HI
High level interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com