Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 46 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 42Page - ATMEL Corporation XMEGAD Datasheet HTML 43Page - ATMEL Corporation XMEGAD Datasheet HTML 44Page - ATMEL Corporation XMEGAD Datasheet HTML 45Page - ATMEL Corporation XMEGAD Datasheet HTML 46Page - ATMEL Corporation XMEGAD Datasheet HTML 47Page - ATMEL Corporation XMEGAD Datasheet HTML 48Page - ATMEL Corporation XMEGAD Datasheet HTML 49Page - ATMEL Corporation XMEGAD Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 309 page
background image
46
8210B–AVR–04/10
XMEGA D
Events can be manually generated by writing to the STROBE and DATA registers.
5.3.1
Signaling Events
Signaling events are the most basic type of events. A signaling event does not contain any infor-
mation apart from the indication of a change in a peripheral. Most peripherals can only generate
and use signaling events. Unless otherwise stated, all occurrences of the word 'event' is to be
understood as a signaling event.
5.3.2
Data Events
Data events differ from signaling events in that they contain additional information that event
users can decode to decide event actions based on the receiver information.
The Event Routing Network can route all events to all event users. Event users that are only
meant for using signaling events have limited decode capabilities and cannot fully utilize data.
How event users decode data events is shown in Table 5-1 on page 46.
Event users that can utilize Data Events can also use Signaling Events. This is configurable, and
is described in the datasheet module for each peripheral.
5.3.3
Manually Generating Events
Events can be generated manually by writing the DATA and STROBE register. This can be done
from software, and by accessing the registers directly during on-chip debugging. The DATA reg-
ister must be written first since writing the STROBE register triggers the operation. The DATA
and STROBE registers contain one bit for each event channel. Bit n corresponds to event chan-
nel n. It is possible to generate events on several channels at the same time by writing to several
bit locations at once.
Manually generated events last for one clock cycle and will overwrite events from other event
during that clock cycle. When manually generating events, event channels where no events are
entered will let other events through.
Table 5-1 on page 46 shows the different events, how they can be manually generated and how
they are decoded.
5.4
Event Routing Network
The Event Routing Network routes events between peripherals. It consists of eight multiplexers
(CHnMUX), where events from all event sources are routed into all multiplexers. The multiplex-
ers select which event is routed back as input to all peripherals. The output from a multiplexer is
referred to as an Event Channel. For each peripheral it is selectable if and how incoming events
should trigger event actions. Details on these are described in the datasheet for each peripheral.
The Event Routing Network is shown on Figure 5-3 on page 47.
Table 5-1.
Manually Generated Events and decoding of events
STROBE
DATA
Data Event User
Signaling Event User
0
0
No Event
No Event
0
1
Data Event 01
No Event
1
0
Data Event 02
Signaling Event
1
1
Data Event 03
Signaling Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com