Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 87 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 83Page - ATMEL Corporation XMEGAD Datasheet HTML 84Page - ATMEL Corporation XMEGAD Datasheet HTML 85Page - ATMEL Corporation XMEGAD Datasheet HTML 86Page - ATMEL Corporation XMEGAD Datasheet HTML 87Page - ATMEL Corporation XMEGAD Datasheet HTML 88Page - ATMEL Corporation XMEGAD Datasheet HTML 89Page - ATMEL Corporation XMEGAD Datasheet HTML 90Page - ATMEL Corporation XMEGAD Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 309 page
background image
87
8210B–AVR–04/10
XMEGA D
8.5
Register Description
8.5.1
STATUS - Reset Status Register
• Bit 7:6 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 5 - SRF: Software Reset Flag
This flag is set if a Software reset occurs. The flag will be cleared by a power-on reset or by writ-
ing a one to the bit location.
• Bit 4 - PDIRF: Program and Debug Interface Reset Flag
This flag is set if a Programming interface reset occurs. The flag will be cleared by a power-on
reset or by writing a one to the bit location.
• Bit 3 - WDRF: Watchdog Reset Flag
This flag is set if a Watchdog reset occurs. The flag will be cleared by a power-on reset or by
writing a one to the bit location.
• Bit 2 - BORF: Brown Out Reset Flag
This flag is set if a Brown out reset occurs. The flag will be cleared by a power-on reset or by
writing a one to the bit location.
• Bit 1 - EXTRF: External Reset Flag
This flag is set if an External reset occurs. The flag will be cleared by a power-on reset or by writ-
ing a one to the bit location.
• Bit 0 - PORF: Power On Reset Flag
This flag is set if a Power-on reset occurs. Writing a one to the flag will clear the bit location.
8.5.2
CTRL - Reset Control Register
• Bit 7:1 - Reserved
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
Bit
765
4321
0
+0x00
–
–
SRF
PDIRF
WDRF
BORF
EXTRF
PORF
STATUS
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
–––
––––
–
Bit
76543210
+0x01
–
–
–
–
–
–
–SWRST
CTRL
Read/Write
RRRR
RRR
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com