Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 55 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 51Page - ATMEL Corporation XMEGAD Datasheet HTML 52Page - ATMEL Corporation XMEGAD Datasheet HTML 53Page - ATMEL Corporation XMEGAD Datasheet HTML 54Page - ATMEL Corporation XMEGAD Datasheet HTML 55Page - ATMEL Corporation XMEGAD Datasheet HTML 56Page - ATMEL Corporation XMEGAD Datasheet HTML 57Page - ATMEL Corporation XMEGAD Datasheet HTML 58Page - ATMEL Corporation XMEGAD Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 309 page
background image
55
8210B–AVR–04/10
XMEGA D
6.
System Clock and Clock options
6.1
Features
• Fast start-up time
• Safe run-time clock switching
• Internal Oscillators:
– 32 MHz run-time calibrated RC oscillator
– 2 MHz run-time calibrated RC oscillator
– 32.768 kHz calibrated RC oscillator
– 32 kHz Ultra Low Power (ULP) oscillator with 1 kHz output
• External clock options
– 0.4 - 16 MHz Crystal Oscillator
– 32.768 kHz Crystal Oscillator
– External clock
• PLL with internal and external clock options with 1 to 31x multiplication
• Clock Prescalers with 1 to 2048x division
• Fast peripheral clock running at 2 and 4 times the CPU clock speed
• Automatic Run-Time Calibration of internal oscillators
• Crystal Oscillator failure detection
6.2
Overview
XMEGA has a flexible clock system, supporting a large number of clock sources. It incorporates
both accurate integrated oscillators, and external crystal oscillators and resonators. A high fre-
quency Phase Locked Loop (PLL) and clock prescalers can be used to generate a wide range of
clock frequencies. A calibration feature (DFLL) is available, and can be used for automatic run-
time calibration of the internal oscillators. A Crystal Oscillator Failure Monitor can be enabled to
issue a Non-Maskable Interrupt and switch to internal oscillator if the external oscillator fails.
After reset, the device will always start up running from the 2 MHz internal oscillator. During nor-
mal operation, the System Clock source and prescalers can be changed from software at any
time.
Figure 6-1 on page 56 presents the principal clock system in the XMEGA. All of the clocks do not
need to be active at a given time. The clocks to the CPU and peripherals can be stopped using
sleep modes and power reduction registers as described in ”Power Management and Sleep” on
page 74.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com