Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 32 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 28Page - ATMEL Corporation XMEGAD Datasheet HTML 29Page - ATMEL Corporation XMEGAD Datasheet HTML 30Page - ATMEL Corporation XMEGAD Datasheet HTML 31Page - ATMEL Corporation XMEGAD Datasheet HTML 32Page - ATMEL Corporation XMEGAD Datasheet HTML 33Page - ATMEL Corporation XMEGAD Datasheet HTML 34Page - ATMEL Corporation XMEGAD Datasheet HTML 35Page - ATMEL Corporation XMEGAD Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 309 page
background image
32
8210B–AVR–04/10
XMEGA D
• Bit 5:4 - BLBA[1:0]: Boot Lock Bit Application Section
These bits indicate the locking mode for the Application Section. Even though the BLBA bits are
writable, they can only be written to a stricter locking. Resetting the BLBA bits is only possible by
executing a Chip Erase Command.
Table 4-8.
Boot Lock Bit for The Boot Loader Section
BLBB[1:0]
Group Configuration
Description
11
NOLOCK
No Lock, no restrictions for SPM and (E)LPM accessing
the Boot Loader section.
10
WLOCK
Write Lock, SPM is not allowed to write the Boot Loader
section
01
RLOCK
Read Lock, (E)LPM executing from the Application
section is not allowed to read from the Boot Loader
section.
If the interrupt vectors are placed in the Application
section, interrupts are disabled while executing from the
Boot Loader section.
00
RWLOCK
Read and Write Lock, SPM is not allowed to write to the
Boot Loader section and (E)LPM executing from the
Application section is not allowed to read from the Boot
Loader section.
If the interrupt vectors are placed in the Application
section, interrupts are disabled while executing from the
Boot Loader section
Table 4-9.
Boot Lock Bit for the Application Section
BLBA[1:0]
Group Configuration
Description
11
NOLOCK
No Lock, no restrictions for SPM and (E)LPM accessing
the Application Section.
10
WLOCK
Write Lock, SPM is not allowed to write them
Application Section
01
RLOCK
Read Lock, (E)LPM executing from the Boot Loader
Section is not allowed to read from the Application
Section.
If the interrupt vectors are placed in the Boot Loader
Section, interrupts are disabled while executing from the
Application Section.
00
RWLOCK
Read and Write Lock, SPM is not allowed to write to the
Application Section and (E)LPM executing from the
Boot Loader Section is not allowed to read from the
Application section.
If the interrupt vectors are placed in the Boot Loader
Section, interrupts are disabled while executing from the
Application Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com