Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 82 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 78Page - ATMEL Corporation XMEGAD Datasheet HTML 79Page - ATMEL Corporation XMEGAD Datasheet HTML 80Page - ATMEL Corporation XMEGAD Datasheet HTML 81Page - ATMEL Corporation XMEGAD Datasheet HTML 82Page - ATMEL Corporation XMEGAD Datasheet HTML 83Page - ATMEL Corporation XMEGAD Datasheet HTML 84Page - ATMEL Corporation XMEGAD Datasheet HTML 85Page - ATMEL Corporation XMEGAD Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 309 page
background image
82
8210B–AVR–04/10
XMEGA D
8.3
Reset Sequence
Reset request from any reset source immediately reset the device, and keep it in reset as long
as the request is active. When all reset requests are released, the device will go through three
stages before the internal reset is released and the device starts running.
• Reset Counter Delay
• Oscillator startup
• Oscillator calibration
If one of the reset request occur during this, the reset sequence will start over again.
8.3.1
Reset Counter Delay
The Reset Counter Delay is the programmable period from all reset requests are released and
until the reset counter times out and releases reset. The Reset Counter Delay is timed from the
1 kHz output of the Ultra Low Power (ULP) Internal Oscillator, and the number of cycles before
the timeout is set by the STARTUPTIME fuse bits. The selectable delays are shown in Table 8-
1.
8.3.2
Oscillator Startup
After the Reset Counter Delay, the default clock is started. This is the 2 MHz internal RC oscilla-
tor, and this uses 6 clock cycles to startup and stabilize.
8.3.3
Oscillator Calibration
After the default oscillator has stabilized, oscillator calibration values are loaded from Non-Vola-
tile Memory into the Oscillator Calibration registers. Loading the calibration values takes
24 clock cycles on the internal 2 MHz oscillator. The 2 MHz, 32 MHz and 32.768 kHz internal RC
oscillators are calibrated. When this is done the device will enter active mode and program exe-
cution will begin.
8.4
Reset Sources
8.4.1
Power-On Reset
A Power-on detection circuit will give a Power-On Reset (POR) when supply voltage (V
CC) is
applied to the device and the V
CC slope is increasing in the Power-on Slope Range (VPOSR).
Power-on reset is released when the V
CC stops rising or when the VCC level has reached the
Power-on Threshold Voltage (V
POT) level.
When V
CC is falling, the POR will issue a reset when the Vpot level is reached. The Vpot level is
lower than the minimum operating voltage for the device, and is only used for power-off function-
Table 8-1.
Reset Counter Delay
SUT[1:0]
Number of 1 kHz ULP oscillator clock cycles
00
64
01
4
10
Reserved
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com