Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 78 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 74Page - ATMEL Corporation XMEGAD Datasheet HTML 75Page - ATMEL Corporation XMEGAD Datasheet HTML 76Page - ATMEL Corporation XMEGAD Datasheet HTML 77Page - ATMEL Corporation XMEGAD Datasheet HTML 78Page - ATMEL Corporation XMEGAD Datasheet HTML 79Page - ATMEL Corporation XMEGAD Datasheet HTML 80Page - ATMEL Corporation XMEGAD Datasheet HTML 81Page - ATMEL Corporation XMEGAD Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 309 page
background image
78
8210B–AVR–04/10
XMEGA D
• Bit 7:2 - Reserved
These bits are reserved and will always be read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 1 - ADC: Power Reduction ADC
Setting this bit stops the clock to the ADC. The ADC should be disabled before shut down.
• Bit 0 - AC: Power Reduction Analog Comparator
Setting this bit stops the clock to the Analog Comparator. The AC should be disabled before shut
down.
7.6.3
PRPC/D/E/F - Power Reduction Port C/D/E/F Register
• Bit 7 - Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
• Bit 6 - TWI: Two-Wire Interface
Setting this bit stops the clock to the Two-Wire Interface. When the bit is cleared the peripheral
should be reinitialized to ensure proper operation.
• Bit 5 - Reserved
This bit is reserved and will always be read as zero. For compatibility with future devices, always
write this bit to zero when this register is written.
•Bit 4 - USART0
Setting this bit stops the clock to the USART0. When the bit is cleared the peripheral should be
reinitialized to ensure proper operation.
• Bit 3 - SPI: Serial Peripheral Interface
Setting this bit stops the clock to the SPI. When the bit is cleared the peripheral should be reini-
tialized to ensure proper operation.
• Bit 2 - HIRES: Hi-Resolution Extension
Setting this bit stops the clock to the Hi-Resolution Extension for the Timer/Counters. When the
bit is cleared the peripheral should be reinitialized to ensure proper operation.
• Bit 1 - TC1: Timer/Counter 1
Setting this bit stops the clock to the Timer/Counter 1. When the bit is cleared the peripheral will
continue like before the shut down.
Bit
76543
210
–TWI
–
USART0
SPI
HIRES
TC1
TC0
PRPC/D/E/F
Read/Write
R
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com