Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 24 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 20Page - ATMEL Corporation XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation XMEGAD Datasheet HTML 27Page - ATMEL Corporation XMEGAD Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 309 page
background image
24
8210B–AVR–04/10
XMEGA D
4.12.6
DATA0 - Non-Volatile Memory Data Register 0
• Bit 7:0 - DATA[7:0]: NVM Data Register Byte 0
This register gives the data value byte 0 when accessing either of the memory locations.
4.12.7
CMD - Non-Volatile Memory Command Register
• Bit 7 - Reserved
This bit is unused and reserved for future use. For compatibility with future devices, always write
this bit to zero when this register is written.
• Bit 6:0 -CMD[6:0]: NVM Command
These bits define the programming commands for the flash. Bit six is set for external program-
ming commands. See "Memory Programming datasheet" for programming commands.
4.12.8
CTRLA - Non-Volatile Memory Control Register A
• Bit 7:1 - Reserved Bits
These bits are unused and reserved for future use. For compatibility with future devices, always
write these bits to zero when this register is written.
• Bit 0 - CMDEX: Non-Volatile Memory Command Execute
Writing this bit to one will execute the command in the CMD register. This bit is protected by the
Configuration Change Protection (CCP) mechanism, refer to Section 3.12 ”Configuration
Change Protection” on page 12 for details on the CCP.
Bit
7
65
43
21
0
+0x04
DATA[7:0]
DATA0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
+0x0A
–
CMD[6:0]
CMD
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
432
1
0
+0x0B
–
–
–
–
–
–
–CMDEX
CTRLA
Read/Write
RRR
RR
RR
S
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com