Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 74 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 70Page - ATMEL Corporation XMEGAD Datasheet HTML 71Page - ATMEL Corporation XMEGAD Datasheet HTML 72Page - ATMEL Corporation XMEGAD Datasheet HTML 73Page - ATMEL Corporation XMEGAD Datasheet HTML 74Page - ATMEL Corporation XMEGAD Datasheet HTML 75Page - ATMEL Corporation XMEGAD Datasheet HTML 76Page - ATMEL Corporation XMEGAD Datasheet HTML 77Page - ATMEL Corporation XMEGAD Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 309 page
background image
74
8210B–AVR–04/10
XMEGA D
7.
Power Management and Sleep
7.1
Features
• 5 sleep modes
–Idle
– Power-down
–Power-save
–Standby
– Extended standby
• Power Reduction register to disable clock to unused peripherals
7.2
Overview
XMEGA provides various sleep modes and software controlled clock gating in order to tailor
power consumption to the application's requirement. Sleep modes enables the microcontroller to
shut down unused modules to save power. When the device enters sleep mode, program exe-
cution is stopped and interrupts or reset is used to wake the device again. The individual clock to
unused peripherals can be stopped during normal operation or in sleep, enabling a much more
fine tuned power management than sleep modes alone.
7.3
Sleep Modes
Sleep modes are used to shut down modules and clock domains in the microcontroller in order
to save power. XMEGA has five different sleep modes. A dedicated Sleep instruction (SLEEP) is
available to enter sleep. Before executing SLEEP, the selected sleep mode to enter must be
configured. The available interrupt wake-up sources is dependent on the selected sleep mode.
When an enabled interrupt occurs the device will wake up and execute the interrupt service rou-
tine before continuing normal program execution from the first instruction after the SLEEP
instruction. If other higher priority interrupts are pending when the wake-up occurs, their interrupt
service routines will be executed according to their priority before the interrupt service routine for
the wake-up interrupt is executed. After wake-up the CPU is halted for four cycles before execu-
tion starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com