Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 22 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 18Page - ATMEL Corporation XMEGAD Datasheet HTML 19Page - ATMEL Corporation XMEGAD Datasheet HTML 20Page - ATMEL Corporation XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation XMEGAD Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 309 page
background image
22
8210B–AVR–04/10
XMEGA D
OUT instructions can address I/O memory locations in the range 0x00 - 0x3F directly. In the
address range 0x00 - 0x1F, specific bit manipulating and checking instructions are available.
The I/O memory definition for an XMEGA device is shown in "Register Summary" in the device
datasheet.
4.8.1
General Purpose I/O Registers
The lowest 16 I/O Memory addresses is reserved for General Purpose I/O Registers. These reg-
isters can be used for storing information, and they are particularly useful for storing global
variables and flags, as they are directly bit-accessible using the SBI, CBI, SBIS, and SBIC
instructions.
4.9
Memory Timing
Read and write access to the I/O Memory takes one CPU clock cycle. Write to SRAM takes one
cycle and read from SRAM takes two cycles. EEPROM page load (write) takes one cycle and
three cycles are required for read. For burst read, new data is available every second cycle.
External memory has multi-cycle read and write. The number of cycles depends on type of
memory.
4.10
Device ID
Each device has a three-byte device ID which identifies the device. These registers identify
Atmel as the manufacturer of the device and the device type. A separate register contains the
revision number of the device.
4.11
IO Memory Protection
Some features in the device is regarded to be critical for safety in some applications. Due to this,
it is possible to lock the IO register related to the Event System and the Advanced Waveform
Extensions. As long as the lock is enabled, all related IO registers are locked and they can not
be written from the application software. The lock registers themselves are protected by the
Configuration Change Protection mechanism, for details refer to ”Configuration Change Protec-
tion” on page 12.
4.12
Register Description - NVM Controller
4.12.1
ADDR2 - Non-Volatile Memory Address Register 2
The ADDR2, ADDR1 and ADDR0 registers represents the 24-bit value ADDR.
• Bit 7:0 - ADDR[23:16]: NVM Address Register Byte 2
This register gives the data value byte 2 when accessing application and boot section.
Bit
7
65
43
21
0
+0x02
ADDR[23:16]
ADDR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com