Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 16 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 12Page - ATMEL Corporation XMEGAD Datasheet HTML 13Page - ATMEL Corporation XMEGAD Datasheet HTML 14Page - ATMEL Corporation XMEGAD Datasheet HTML 15Page - ATMEL Corporation XMEGAD Datasheet HTML 16Page - ATMEL Corporation XMEGAD Datasheet HTML 17Page - ATMEL Corporation XMEGAD Datasheet HTML 18Page - ATMEL Corporation XMEGAD Datasheet HTML 19Page - ATMEL Corporation XMEGAD Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 309 page
background image
16
8210B–AVR–04/10
XMEGA D
Note:
1. Refer to specific device datasheets for exact initial values.
• Bit 7:0 - SP[7:0]: Stack Pointer Register Low byte
These bits hold the 8 LSB of the 16-bits Stack Pointer (SP).
3.14.8
SPH - Stack Pointer Register High
Note:
1. Refer to specific device datasheets for exact initial values.
• Bits 7:0 - SP[15:8]: Stack Pointer Register High byte
These bits hold the 8 MSB of the 16-bits Stack Pointer (SP).
3.14.9
SREG - Status Register
The Status Register (SREG) contains information about the result of the most recently executed
arithmetic or logic instruction.
• Bit 7 – I: Global Interrupt Enable
The Global Interrupt Enable bit must be set for interrupts to be enabled. If the Global Interrupt
Enable Register is cleared, none of the interrupts are enabled independent of the individual
interrupt enable settings. The I-bit is not cleared by hardware after an interrupt has occurred.
The I-bit can be set and cleared by the application with the SEI and CLI instructions, as
described in the “Instruction Set Description”.
• Bit 6 – T: Bit Copy Storage
The Bit Copy instructions Bit Load (BLD) and Bit Store (BST) use the T-bit as source or destina-
tion for the operated bit. A bit from a register in the Register File can be copied into T by the BST
instruction, and a bit in T can be copied into a bit in a register in the Register File by the BLD
instruction.
• Bit 5 – H: Half Carry Flag
The Half Carry Flag (H) indicates a Half Carry in some arithmetic operations. Half Carry Is useful
in BCD arithmetic. See the “Instruction Set Description” for detailed information.
Bit
7
6
543
210
+0x0D
SP[7:0]
SPL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value(1)
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Bit
7
6543210
+0x0E
SP[15:8]
SPH
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value(1)
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Bit
7654
3210
+0x0F
I
T
H
S
V
N
Z
C
SREG
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com