Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 84 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 80Page - ATMEL Corporation XMEGAD Datasheet HTML 81Page - ATMEL Corporation XMEGAD Datasheet HTML 82Page - ATMEL Corporation XMEGAD Datasheet HTML 83Page - ATMEL Corporation XMEGAD Datasheet HTML 84Page - ATMEL Corporation XMEGAD Datasheet HTML 85Page - ATMEL Corporation XMEGAD Datasheet HTML 86Page - ATMEL Corporation XMEGAD Datasheet HTML 87Page - ATMEL Corporation XMEGAD Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 309 page
background image
84
8210B–AVR–04/10
XMEGA D
8.4.2
Brown-Out Detection
The Brown-Out Detection (BOD) circuit monitors that the V
CC level is kept above a configurable
trigger level, V
BOT. When the BOD is enabled, a BOD reset will be given if the VCC level falls bel-
low the trigger level for a minimum time, t
BOD. The reset is kept active until the VCC level rises
above the trigger level again.
Figure 8-4.
Brown-out Detection reset.
For characterization data on t
BOD consult the device datasheet. The trigger level is determined
by a programmable BODLEVEL setting, see Table 8-2.
Note:
1. The values here are nominal values only. For typical, maximum and minimum numbers consult
the device datasheet.
The BOD circuit has 3 modes of operation:
• Disabled: In this mode there is no monitoring of the V
CC level, and hence it is only
recommended for applications where the power supply is stable.
• Enabled: In this mode the V
CC level is continuously monitored, and a drop in VCC below VBOT
for at least t
BOD will give a brown-out reset.
Table 8-2.
Programmable BODLEVEL setting
BODLEVEL[2:0] (1)
V
BOT
UNIT
111
1.6
V
110
1.8
101
2.0
100
2.2
011
2.4
010
2.6
001
2.8
000
3.0
VCC
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT
tBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com