Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 62 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 58Page - ATMEL Corporation XMEGAD Datasheet HTML 59Page - ATMEL Corporation XMEGAD Datasheet HTML 60Page - ATMEL Corporation XMEGAD Datasheet HTML 61Page - ATMEL Corporation XMEGAD Datasheet HTML 62Page - ATMEL Corporation XMEGAD Datasheet HTML 63Page - ATMEL Corporation XMEGAD Datasheet HTML 64Page - ATMEL Corporation XMEGAD Datasheet HTML 65Page - ATMEL Corporation XMEGAD Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 309 page
background image
62
8210B–AVR–04/10
XMEGA D
clock or oscillator is used to derive the System Clock (i.e clock reference for the PLL when this is
used as the active system clock) and an clock or oscillator fails (stops), the device will:
• Switch to the 2 MHz internal oscillator, independently of any clock system lock setting.
• Reset the Oscillator Control Register and System Clock Selection Register to their default
values.
• Set the External Clock Source Failure Detection Interrupt Flag.
• Issue a non-maskable interrupt (NMI).
If the external oscillator fails when it is not used as the System Clock source, the external oscil-
lator is automatically disabled while the system clock will continue to operate normally.
If the external clock is below 32 kHz then the failure monitor mechanism should not be enabled
in order to avoid unintentional fail detection.
When the failure monitor is enabled, it cannot be disabled until next reset.
The failure monitor is automatically disabled in all sleep modes where the external clock or oscil-
lator is stopped. During wake-up from sleep it is automatically enabled again.
The External Clock Source Failure Monitor setting is protected by the Configuration Change Pro-
tection mechanism, employing a timed write procedure for changing the system clock and
prescaler settings. For details refer to ”Configuration Change Protection” on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com