Electronic Components Datasheet Search
  English  ▼

X  

XMEGAD Datasheet(PDF) 38 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 34Page - ATMEL Corporation XMEGAD Datasheet HTML 35Page - ATMEL Corporation XMEGAD Datasheet HTML 36Page - ATMEL Corporation XMEGAD Datasheet HTML 37Page - ATMEL Corporation XMEGAD Datasheet HTML 38Page - ATMEL Corporation XMEGAD Datasheet HTML 39Page - ATMEL Corporation XMEGAD Datasheet HTML 40Page - ATMEL Corporation XMEGAD Datasheet HTML 41Page - ATMEL Corporation XMEGAD Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 309 page
background image
38
8210B–AVR–04/10
XMEGA D
4.14.16
ADCACAL1 - ADCA Calibration Register 1
• Bit 7:0 - ADCACAL1[7:0] - ADCA Calibration Byte 1
This byte contains byte 1 of the ADCA calibration data, and must be loaded into the ADCA
CALH register.
4.14.17
TEMPSENSE0 - Temperature Sensor Calibration Register 0
TEMPSENSE0 and TEMPSENSE1 contains the 12-bit ADCA value from a temperature mea-
surements done with the internal temperature sensor. The measurements is done in production
test at 85C and can be used for single- or multi-point temperature sensor calibration.
• Bit 7:0 - TEMPSENSE0[7:0] - Temperature Sensor Calibration Byte 0
This byte contains the byte 0 (8 LSB) of the temperature measurement.
4.14.18
TEMPSENSE1 - Temperature Sensor Calibration Register 1
• Bit 7:0 - TEMPSENSE1[7:0] - Temperature Sensor Calibration Byte 1
This byte contains byte 1 of the temperature measurement.
4.15
Register Description – General Purpose I/O Memory
4.15.1
GPIORn – General Purpose I/O Register n
This is a general purpose register that can be used to store data such as global variables in the
bit accessible I/O memory space.
Bit
7
654
3
2
1
0
+0x21
ADCACAL1[7:0]
ADCACAL1
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
765
4
3
2
1
0
+0x2E
TEMPSENSE0[7:0]
TEMPSENSE0
Read/Write
R
R
R
R
R
R
R
R
Initial Value
x
x
x
x
x
x
x
x
Bit
765
4
3
2
1
0
+0x2F
TEMPSENSE1[7:0]
TEMPSENSE1
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
x
x
x
x
Bit
7
6
543
210
+n
GPIORn[7:0]
GPIORn
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com